전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L412C8 데이터시트(PDF) 61 Page - STMicroelectronics

부품명 STM32L412C8
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L412C8 데이터시트(HTML) 61 Page - STMicroelectronics

Back Button STM32L412C8 Datasheet HTML 57Page - STMicroelectronics STM32L412C8 Datasheet HTML 58Page - STMicroelectronics STM32L412C8 Datasheet HTML 59Page - STMicroelectronics STM32L412C8 Datasheet HTML 60Page - STMicroelectronics STM32L412C8 Datasheet HTML 61Page - STMicroelectronics STM32L412C8 Datasheet HTML 62Page - STMicroelectronics STM32L412C8 Datasheet HTML 63Page - STMicroelectronics STM32L412C8 Datasheet HTML 64Page - STMicroelectronics STM32L412C8 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 192 page
background image
32
32
A5
47
47
63
63
D4
VSS
S
-
-
-
1
1
A6
48
48
64
64
E4
VDD
S
-
-
-
Table 14. STM32L412xx pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More