전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L412C8T3 데이터시트(PDF) 59 Page - STMicroelectronics

부품명 STM32L412C8T3
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L412C8T3 데이터시트(HTML) 59 Page - STMicroelectronics

Back Button STM32L412C8T3 Datasheet HTML 55Page - STMicroelectronics STM32L412C8T3 Datasheet HTML 56Page - STMicroelectronics STM32L412C8T3 Datasheet HTML 57Page - STMicroelectronics STM32L412C8T3 Datasheet HTML 58Page - STMicroelectronics STM32L412C8T3 Datasheet HTML 59Page - STMicroelectronics STM32L412C8T3 Datasheet HTML 60Page - STMicroelectronics STM32L412C8T3 Datasheet HTML 61Page - STMicroelectronics STM32L412C8T3 Datasheet HTML 62Page - STMicroelectronics STM32L412C8T3 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 192 page
background image
20
20
C2
31
31
43
43
C6
PA10
I/O
FT_f
-
TIM1_CH3, I2C1_SDA, USART1_RX,
USB_CRS_SYNC, EVENTOUT
-
21
21
B1
32
32
44
44
C8
PA11
I/O
FT_u
-
TIM1_CH4, TIM1_BKIN2, SPI1_MISO,
COMP1_OUT, USART1_CTS,
USB_DM, TIM1_BKIN2_COMP1,
EVENTOUT
-
22
22
A1
33
33
45
45
B8
PA12
I/O
FT_u
-
TIM1_ETR, SPI1_MOSI,
USART1_RTS_DE, USB_DP,
EVENTOUT
-
23
23
B2
34
34
46
46
A8
PA13
(JTMS/SWDIO)
I/O
FT
-
JTMS/SWDIO, IR_OUT, USB_NOE,
EVENTOUT
-
-
-
-
353547
47
D5
VSS
S
-
-
-
-
-
-
-
36
36
48
48
E5
VDDUSB
S
-
-
-
-
24
24
A2
37
37
49
49
A7
PA14
(JTCK/SWCLK)
I/O
FT
-
JTCK/SWCLK, LPTIM1_OUT,
I2C1_SMBA, EVENTOUT
-
25
25
C3
38
38
50
50
A6
PA15 (JTDI)
I/O
FT
-
JTDI, TIM2_CH1, TIM2_ETR,
USART2_RX, SPI1_NSS,
USART3_RTS_DE, TSC_G3_IO1,
EVENTOUT
-
-
---
-
51
51
B7
PC10
I/O
FT
-
TRACED1, USART3_TX,
TSC_G3_IO2, EVENTOUT
-
-
---
-
52
52
B6
PC11
I/O
FT
-
USART3_RX, TSC_G3_IO3,
EVENTOUT
-
-
---
-
53
53
C5
PC12
I/O
FT
-
TRACED3, USART3_CK,
TSC_G3_IO4, EVENTOUT
-
Table 14. STM32L412xx pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More