전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

81036-660C01 데이터시트(PDF) 1 Page - 3M Electronics

부품명 81036-660C01
상세설명  3M™ 4-Wall, Tripolarized Header .050" × .100" Latch/Ejector, PTH & SMT Straight, PTH Right Angle
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  3M [3M Electronics]
홈페이지  http://www.3m.com
Logo 3M - 3M Electronics

81036-660C01 데이터시트(HTML) 1 Page - 3M Electronics

  81036-660C01 Datasheet HTML 1Page - 3M Electronics 81036-660C01 Datasheet HTML 2Page - 3M Electronics 81036-660C01 Datasheet HTML 3Page - 3M Electronics 81036-660C01 Datasheet HTML 4Page - 3M Electronics 81036-660C01 Datasheet HTML 5Page - 3M Electronics 81036-660C01 Datasheet HTML 6Page - 3M Electronics 81036-660C01 Datasheet HTML 7Page - 3M Electronics 81036-660C01 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ 4-Wall, Tripolarized Header
.050" × .100" Latch/Ejector, PTH & SMT Straight, PTH Right Angle
810 Series
• Tripolarized for robust alignment when mating to 820
series socket
• 50 mil × 100 mil halves the connector length vs. traditional
100 mil x 100 mil products
• Latching Ejector for rugged high performance applications
• Available for through hole or surfacemount attachment
• High temperature plastic for lead free surfacemount or
Paste-in-Hole soldering methods
• Four-wall shroud provides contact protection
• Contacts: 20, 26, 36, 40, 50, 60, 68, 80 and 100
• See the Regulatory Information Appendix (RIA)
in the “RoHS compliance” section of
www.3Mconnectors.com for compliance information
Date Modified: April 2, 2013
TS-0253-K
Sheet 1 of 7
Physical
Insulation:
Material: High Temperature Plastic (LCP)
Flammability: UL 94V-0
Color: Black
Contact:
Material: Copper Alloy
Plating:
Underplating: 100 µ" [2.54 mm] Nickel
Wiping Area: 30 µ" [0.76 mm] Gold
Solder Tails: Matte Tin or Tin Lead (See Ordering Information)
Marking: 3M Logo, Part Number and Orientation Triangle
Mating Compatibility: 820 Series (TS-0254)
Electrical
Current Rating: 3.00A, 1 Contact Powered
2.00 A, 4 Contacts Powered
0.75 A, All Contacts powered
Rating Conditions: EIA-364-070 Method 2, 30 degrees C maximum temperature
rise, 20% derated. Reference appropriate 3M Product Specification for detailed
current derating curves.
Insulation Resistance: > 1 × 109 Ω at 500 VDC
Withstanding Voltage: 500 VRMS at Sea Level
Environmental
Temperature Rating: -55°C to +105°C
Process Rating: Maximum 260°C (Profile per J-STD-020C)
Moisture Sensitivity Level: 1 (per J-STD-020C)
UL File No.: E68080


유사한 부품 번호 - 81036-660C01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
81036072A TI-81036072A Datasheet
357Kb / 18P
STANDARD HIGH-SPEED PAL CIRCUITS
81036072A TI2-81036072A Datasheet
833Kb / 22P
STANDARD HIGH-SPEED PAL) CIRCUITS
REVISED MARCH 1992
8103607RA TI-8103607RA Datasheet
357Kb / 18P
STANDARD HIGH-SPEED PAL CIRCUITS
8103607RA TI2-8103607RA Datasheet
833Kb / 22P
STANDARD HIGH-SPEED PAL) CIRCUITS
REVISED MARCH 1992
8103607SA TI-8103607SA Datasheet
357Kb / 18P
STANDARD HIGH-SPEED PAL CIRCUITS
More results

유사한 설명 - 81036-660C01

제조업체부품명데이터시트상세설명
logo
3M Electronics
81068-600C04 3M-81068-600C04 Datasheet
1Mb / 8P
.050 × .100 Latch/Ejector, PTH & SMT Straight, PTH Right Angle 810 Series
14-Nov-2012
3428-1303 3M-3428-1303 Datasheet
1Mb / 6P
3M™ Three-Wall Header .100” × .100” Latch/Ejector, Straight and Right Angle
21-May-2012
3433-5005 3M-3433-5005 Datasheet
1Mb / 5P
Four-Wall Header .100" × .100" Latch/Ejector, Straight and Right Angle
2-Oct-2012
D3408-6002-AR 3M-D3408-6002-AR Datasheet
1Mb / 5P
Four-Wall Header .100” × .100” Latch/Ejector, Straight and Right Angle
21-May-2012
D3793-6202-AR 3M-D3793-6202-AR Datasheet
1Mb / 5P
100” × .100” Latch/Ejector, Straight and Right Angle
21-May-2012
N3429-630T02RB 3M-N3429-630T02RB Datasheet
1Mb / 5P
3M™ Four-Wall Header .100” × .100” Latch/Ejector, Straight, Compliant Pin
03-Apr-2013
N3408-6002RB 3M-N3408-6002RB Datasheet
1Mb / 5P
.100 × .100 Latch/Ejector, Straight and Right Angle
260
D3372-6302-AR 3M-D3372-6302-AR Datasheet
1Mb / 5P
3M™ Four-Wall Header .100” × .100” Latch/Ejector, Straight and Right Angle
21-May-2012
N3431-5203RB 3M-N3431-5203RB Datasheet
1Mb / 5P
3M™ Four-Wall Header .100" × .100" Latch/Ejector, Straight and Right Angle
2-Oct-2012
3000 3M-3000_V01 Datasheet
1Mb / 5P
100" × .100" Latch/Ejector, Straight and Right Angle
October 2, 2012
More results


Html Pages

1 2 3 4 5 6 7 8