전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMC321LP4 데이터시트(PDF) 2 Page - Hittite Microwave Corporation

부품명 HMC321LP4
상세설명  GaAs MMIC SP8T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITTITE [Hittite Microwave Corporation]
홈페이지  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC321LP4 데이터시트(HTML) 2 Page - Hittite Microwave Corporation

  HMC321LP4_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC321LP4_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC321LP4_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC321LP4_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC321LP4_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC321LP4_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
8
8 - 161
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input Third Order Intercept Point
Return Loss
0.1 and 1 dB Input Compression Point
Insertion Loss vs. Temperature
Isolation
HMC321LP4 / 321LP4E
GaAs MMIC SP8T NON-REFLECTIVE
POSITIVE CONTROL SWITCH, DC* - 8.0 GHz
v03.0805
-5
-4
-3
-2
-1
0
01
23
456
7
8
9
+25 C
-40 C
+85 C
FREQUENCY (GHz)
30
35
40
45
50
1
234
567
8
FREQUENCY (GHz)
10
15
20
25
30
1
234
567
8
0.1db Compression Point
1dB Compression Point
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
01
23
456
7
8
9
RFC
RF1-8 ON
RF1-8 OFF
FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
01
23
456
7
8
9
RF1
RF2
RF3
RF4
RF5
RF6
RF7
RF8
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6