전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ14202HTZX/NOPB 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LMZ14202HTZX/NOPB
상세설명  LMZ14202H SIMPLE SWITCHER® 6V to 42V, 2A High Output Voltage Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ14202HTZX/NOPB 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LMZ14202HTZX/NOPB Datasheet HTML 7Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 8Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 9Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 10Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 11Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 12Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 13Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 14Page - Texas Instruments LMZ14202HTZX/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
100 mV/Div
1 ms/Div
1.0 A/Div
IOUT
VOUT=12V
100 mV/div
1 µs/div
VOUT=12V
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
BOARD AREA (cm
2
)
0LFM (0m/s) air
225LFM (1.14m/s) air
500LFM (2.54m/s) air
Evaluation Board Area
0.0
0.5
1.0
1.5
2.0
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
OUTPUT CURRENT (A)
VIN = 15V
VIN = 24V
VIN = 30V
VIN = 36V
VIN = 42V
LMZ14202H
www.ti.com
SNVS691H – JANUARY 2011 – REVISED OCTOBER 2015
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 24 V; CIN = 10-uF X7R Ceramic; CO = 47 uF; TA = 25°C.
Figure 32. Line and Load Regulation TA = 25°C
Figure 31. Package Thermal Resistance RθJA
4-Layer Printed-Circuit-Board With 1-oz Copper
Figure 34. Output Ripple
Figure 33. Output Ripple
VIN = 24 V, IOUT = 2 A, Polymer Electrolytic COUT, BW = 200
VIN = 12 V, IOUT = 2 A, Ceramic COUT, BW = 200 MHz
MHz
Figure 35. Load Transient Response VIN = 24 V, VOUT = 12 V
Figure 36. Load Transient Response VIN = 24 V, VOUT = 12 V
Load Step from 10% to 100%
Load Step from 30% to 100%
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMZ14202H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com