전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ14203HTZX/NOPB 데이터시트(PDF) 24 Page - Texas Instruments

부품명 LMZ14203HTZX/NOPB
상세설명  LMZ14203H SIMPLE SWITCHER® 6V to 42V, 3A High Output Voltage Power Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LMZ14203HTZX/NOPB 데이터시트(HTML) 24 Page - Texas Instruments

Back Button LMZ14203HTZX/NOPB Datasheet HTML 20Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 21Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 22Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 23Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 24Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 25Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 26Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 27Page - Texas Instruments LMZ14203HTZX/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
BOARD AREA (cm
2
)
0LFM (0m/s) air
225LFM (1.14m/s) air
500LFM (2.54m/s) air
Evaluation Board Area
LMZ14203H
SNVS692G – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
Power Dissipation and Board Thermal Requirements (continued)
Using the 85°C TA power dissipation data as a conservative starting point, the power dissipation PD for VIN = 24
V and VOUT = 12V is estimated to be 3.5W. The necessary RθJA-MAX can now be calculated.
RθJA-MAX < (125°C - 65°C) / 3.5W
(25)
RθJA-MAX < 17.1°C/W
(26)
To achieve this thermal resistance the PCB is required to dissipate the heat effectively. The area of the PCB will
have a direct effect on the overall junction-to-ambient thermal resistance. In order to estimate the necessary
copper area we can refer to Figure 52. This graph is taken from the Typical Characteristics section (Figure 31)
and shows how the RθJA varies with the PCB area.
Figure 52. Package Thermal Resistance RθJA 4-Layer PCB With 1-oz Copper
For RθJA-MAX< 17.1°C/W and only natural convection (that is., no air flow), the PCB area will have to be at least
52 cm2. This corresponds to a square board with 7.25 cm x 7.25 cm (2.85 in x 2.85 in) copper area, 4 layers, and
1oz copper thickness. Higher copper thickness will further improve the overall thermal performance. As a
reference, the evaluation board has 2-oz copper on the top and bottom layers, achieving RθJA of 14.9°C/W for
the same board area. Note thermal vias should be placed under the IC package to easily transfer heat from the
top layer of the PCB to the inner layers and the bottom layer.
For more guidelines and insight on PCB copper area, thermal vias placement, and general thermal design
practices see the application note, AN-2020 Thermal Design By Insight, Not Hindsight (SNVA419).
24
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14203H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com