전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP5951 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LP5951
상세설명  LP5951 Micropower, 150-mA Low-Dropout CMOS Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LP5951 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LP5951 Datasheet HTML 6Page - Texas Instruments LP5951 Datasheet HTML 7Page - Texas Instruments LP5951 Datasheet HTML 8Page - Texas Instruments LP5951 Datasheet HTML 9Page - Texas Instruments LP5951 Datasheet HTML 10Page - Texas Instruments LP5951 Datasheet HTML 11Page - Texas Instruments LP5951 Datasheet HTML 12Page - Texas Instruments LP5951 Datasheet HTML 13Page - Texas Instruments LP5951 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
LP5951
VIN
OUT
GND
NC
IN
Enable Control,
active high
1
3
2
4
5
Load
EN
1 2F
1 2F
LP5951
SNVS345G – JUNE 2006 – REVISED DECEMBER 2014
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP5951 is a linear voltage regulator for digital applications designed to be stable with space-saving ceramic
capacitors as small as 1 µF. Performance is specified for a -40°C to 125°C temperature range for bot the SOT-
23 and SC70 packages.
8.2 Typical Application
Figure 10. LP5951 Typical Application
8.2.1 Design Requirements
Table 1. Design Parameters
DESIGN PARAMETER
DESIGN REQUIREMENT
Input voltage range
1.8 V to 5.5 V
Output voltage
1.3 V
Output current
150 mA
Output capacitor range
1 µF
Input/output capacitor ESR range
3 m
Ω to 300 mΩ
8.2.2 Detailed Design Procedure
8.2.2.1 Power Dissipation And Device Operation
The permissible power dissipation for any package is a measure of the capability of the device to pass heat from
the power source, the junctions of the IC, to the ultimate heat sink, the ambient environment. Thus, the power
dissipation is dependent on the ambient temperature and the thermal resistance across the various interfaces
between the die and ambient air.
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum
ambient temperature may have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the
maximum operating junction temperature (TJ-MAX-OP = 125°C), the maximum power dissipation of the device in
the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application
(RθJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
The allowable power dissipation for the device in a given package can be calculated using the equation:
PD = (TJ(MAX) – TA) /RθJA
(1)
With an RθJA = 195.6°C/W, the device in the SOT-23-5 package returns a value of 511 mW with a maximum
junction temperature of 125°C at TA of 25°C.
10
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LP5951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com