| 전자부품 데이터시트 검색엔진 |
|
613 데이터시트(PDF) 1 Page - Adafruit Industries |
|
|
|||||||||||||||||||||||||||||
613 데이터시트(HTML) 1 Page - Adafruit Industries |
|
1 / 2 page ![]() Weatherproof TTL Serial JPEG Camera with NTSC Video and IR LEDs PRODUCT ID: 613 Description This weatherproof camera module is a classy upgrade to the basic camera module we already stock in the shop. The main differences is that this one comes in a nice metal case with a mounting hinge, a 1 meter long cable with the TTL & NTSC signals brought out, and it has an automatic IR LED system for night time photos. When the onboard photo‐cell detects that it is too dark for the camera to take a photo, it turns on a ring of 12 IR LEDs that illuminate the nearby area for night‐vision shots. This camera was designed to be used in security systems and does two main things ‐ it outputs NTSC video and can take snapshots of that video and transmit them over the TTL serial link. You can snap pictures at 640x480, 320x240 or 160x120 and they're pre‐compressed JPEG images which makes them nice and small and easy to store on an SD card. Perfect for a data‐logging, security, or photography project. One nice thing about this particular camera is all the 'extras' that come with it. For example it has |
유사한 부품 번호 - 613 |
|
유사한 설명 - 613 |