| 전자부품 데이터시트 검색엔진 |
|
BC107 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BC107 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 6 page ![]() BC107 BC108 LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS DESCRIPTION The BC107 and BC108 are silicon planar epitaxial NPN transistors in TO-18 metal case. They are suitable for use in driver stages, low noise input stages and signal processing circuits of television reveivers. The PNP complemet for BC107 is BC177. INTERNAL SCHEMATIC DIAGRAM November 1997 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit BC107 BC108 VCBO Collect or-Base Voltage (IE =0) 50 30 V VCEO Collect or-Emitt er Voltage (IB =0) 45 20 V VEBO Emitt er-Base Voltage (IC =0) 6 5 V IC Collect or Current 100 mA Ptot Total Dissipation at Tamb ≤ 25 oC at Tcase ≤ 25 oC 0.3 0.75 W W Tstg St orage Temperature -55 t o 175 oC Tj Max. Operating Junction Temperature 175 oC TO-18 1/6 |
유사한 부품 번호 - BC107 |
|
유사한 설명 - BC107 |