전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN65CML100DG4.B 데이터시트(PDF) 2 Page - Texas Instruments

부품명 SN65CML100DG4.B
상세설명  1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

SN65CML100DG4.B 데이터시트(HTML) 2 Page - Texas Instruments

  SN65CML100DG4.B Datasheet HTML 1Page - Texas Instruments SN65CML100DG4.B Datasheet HTML 2Page - Texas Instruments SN65CML100DG4.B Datasheet HTML 3Page - Texas Instruments SN65CML100DG4.B Datasheet HTML 4Page - Texas Instruments SN65CML100DG4.B Datasheet HTML 5Page - Texas Instruments SN65CML100DG4.B Datasheet HTML 6Page - Texas Instruments SN65CML100DG4.B Datasheet HTML 7Page - Texas Instruments SN65CML100DG4.B Datasheet HTML 8Page - Texas Instruments SN65CML100DG4.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PACKAGE DISSIPATION RATINGS
SN65CML100
SLLS547 – NOVEMBER 2002
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PART NUMBER
PART MARKING
PACKAGE
STATUS
SN65CML100D
CML100
SOIC
Production
SN65CML100DGK
NWB
MSOP
Production
over operating free-air temperature range unless otherwise noted(1)
UNIT
VCC
Supply voltage range(2)
–0.5 V to 4 V
IBB
Sink/source
±0.5 mA
Voltage range, (A, B, Y, Z)
0 V to 4.3 V
A, B, Y, Z, and GND
±5 kV
Human Body Model (3)
Electrostatic
All pins
±2 kV
discharge
Charged-Device Model(4)
All pins
±1500 V
Continuous power dissipation
See Dissipation Rating Table
Tstg
Storage temperature range
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-A.7.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
3.3-V nominal supply at terminator
3
3.3
3.6
V
VTT
Terminator supply voltage
2.5-V nominal supply at terminator
2.375
2.5
2.625
1.8-V nominal supply at terminator
1.7
1.9
V
|VID|
Magnitude of differential input voltage
0.1
1
V
Input voltage (any combination of common-mode or input signals)
0
4
V
VBB
Output current
400
µA
TA
Operating free-air temperature
–40
85
°C
TA ≤ 25°C
DERATING FACTOR(1)
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
DGK
425 mW
3.4 mW/
°C
221 mW
D
725 mW
5.8 mW/
°C
377 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com