전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN65MLVD201DR 데이터시트(PDF) 8 Page - Texas Instruments

부품명 SN65MLVD201DR
상세설명  MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD201DR 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SN65MLVD201DR Datasheet HTML 4Page - Texas Instruments SN65MLVD201DR Datasheet HTML 5Page - Texas Instruments SN65MLVD201DR Datasheet HTML 6Page - Texas Instruments SN65MLVD201DR Datasheet HTML 7Page - Texas Instruments SN65MLVD201DR Datasheet HTML 8Page - Texas Instruments SN65MLVD201DR Datasheet HTML 9Page - Texas Instruments SN65MLVD201DR Datasheet HTML 10Page - Texas Instruments SN65MLVD201DR Datasheet HTML 11Page - Texas Instruments SN65MLVD201DR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
www.ti.com
Output
A/Y
Output
tpLH
tpHL
Input
C3
0.5 pF
B/Z
D
0 V
0.9V
V
0 V
tf
tr
VCC
VCC/2
0 V
SS
SS
0 V
0.1V
SS
SS
C1
1 pF
C2
1 pF
VP(H)
VP(L)
R1
50
Ω
A/Y
B/Z
R1
24.9
Ω
tpZH
tpHZ
tpZL
tpLZ
VCC
VCC/2
0 V
∼ 0.6 V
0.1 V
0 V
∼ -0.6 V
0 V
-0.1 V
DE
Output With
D at VCC
Output
0 V or VCC
DE
Output With
D at 0 V
C1
1 pF
R2
24.9
Ω
C4
0.5 pF
C2
1 pF
D
C3
2.5 pF
SN65MLVD201, SN65MLVD203
SN65MLVD206, SN65MLVD207
SLLS558C – DECEMBER 2002 – REVISED JANUARY 2007
PARAMETER MEASUREMENT INFORMATION (continued)
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf≤ 1 ns, frequency = 500 kHz,
duty cycle = 50 5%.
B.
C1, C2, and C3 include instrumentation and fixture capacitance within 2 cm of the D.U.T. and are 20%.
C.
R1 is a metal film, surface mount, and 1% tolerance and located within 2 cm of the D.U.T.
D.
The measurement is made on test equipment with a -3 dB bandwidth of at least 1 GHz.
Figure 5. Driver Test Circuit, Timing, and Voltage Definitions for the Differential Output Signal
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf≤ 1 ns, frequency = 500 kHz,
duty cycle = 50 5%.
B.
C1, C2, C3, and C4 includes instrumentation and fixture capacitance within 2 cm of the D.U.T. and are 20%.
C.
R1 and R2 are metal film, surface mount, and 1% tolerance and located within 2 cm of the D.U.T.
D.
The measurement is made on test equipment with a -3 dB bandwidth of at least 1 GHz.
Figure 6. Driver Enable and Disable Time Circuit and Definitions
8
Submit Documentation Feedback
Copyright © 2002–2007, Texas Instruments Incorporated
Product Folder Link(s): SN65MLVD201 SN65MLVD203 SN65MLVD206 SN65MLVD207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com