| 전자부품 데이터시트 검색엔진 |
|
3973 데이터시트(PDF) 1 Page - Adafruit Industries |
|
|
|||||||||||||||||||||||||||||
3973 데이터시트(HTML) 1 Page - Adafruit Industries |
|
1 / 2 page ![]() Mini Ad Blocking Pi-Hole Kit with Pi Zero WH - No Soldering! PRODUCT ID: 3973 A long time ago we made a Pi into a WiFi gateway that also blocked ads but the Pi Hole project does a way better job! This kit will make your Pi Zero W act as a DNS (Domain Name Server) The kind of device that tells you that adafruit.com is known as IP address 104.20.38.240. Except, when Pi Hole DNS is installed, it will do a special trick, when it is asked for the IP address of ads.adserver.com (for example) it will return nothing! So you will never even connect to the ad server and get the ad. Your connection will be faster, less data, and no intrusive ads. It works great on computers, tablets, phones, etc. Even if you cannot run an ad-blocker plugin on your phone or tablet, this will work and ad-blocker-detectors can't tell you're running it. Unlike our WiFi gateway demo, you do not have to set up the Pi as your access point, you will only use it as a DNS ad blocker so it will not act as a bottleneck. |
유사한 부품 번호 - 3973 |
|
유사한 설명 - 3973 |