전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

511154 데이터시트(PDF) 2 Page - Hutchinson Paulstra

부품명 511154
상세설명  STOPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PAULSTRA [Hutchinson Paulstra]
홈페이지  https://www.paulstra-industry.com/en
Logo PAULSTRA - Hutchinson Paulstra

511154 데이터시트(HTML) 2 Page - Hutchinson Paulstra

  511154 Datasheet HTML 1Page - Hutchinson Paulstra 511154 Datasheet HTML 2Page - Hutchinson Paulstra 511154 Datasheet HTML 3Page - Hutchinson Paulstra 511154 Datasheet HTML 4Page - Hutchinson Paulstra 511154 Datasheet HTML 5Page - Hutchinson Paulstra  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
80
25
30
40
70
80
M14
1100
950
600
500
450
6
8
10
17
19
33.00
38.00
30.00
42.50
43.00
513801
511830
511840
511870
511880
45
35
35
35
35
1-
60
25
36
45
M10
400
300
250
6
9
11
12.00
13.50
13.70
511625
511635
511645
25
1
-
70
35
50
70
M10
450
350
300
9
12
14
20.00
21.00
21.00
511735
511750
511770
25
1
-
50
25
35
45
M10
300
250
190
6
9
11
9.00
11.20
10.00
511525
511535
511545
25
1
-
30
40
20
25
35
40
45
M10
160
150
120
120
120
5
6
8
10
11
4.00
4.50
4.80
6.00
6.60
511450
511401
511452
511454
511456
25
1
-
15
22
30
40
M8
90
80
70
60
3.5
6
8
9
1.50
2.40
2.80
2.70
511308
511310
511312
511314
25
1
-
10
15
19
22
25
30
40
M8
20
80
60
55
50
50
50
50
2
3.5
4.5
5.5
6
8
10
0.80
1.00
1.20
1.30
1.50
2.00
2.50
511265
511270
511251
511275
511280
511285
511290
1
-
22
M8
80
6
2.40
511156
-
2
6
25.5
Reference
G
mm
Ø A
mm
B
mm
Ø C
Charge
maxi
daN
Deflect.
mm
Energy
Joules
Fig.
H
mm
4.60
6.00
511157
511161
120
120
7
10
30
40
M8
20
1
-
35
4
18
18
18
18
-
-
-
10
15
20
30
15
20
30
M6
Repetitive shocks
Deflect.
mm
1
2
Wght
g
Deflect.
mm
Reference
Exceptional
shock
Energy
joules
Max.
static
load
daN
Reaction
daN
8.5
15
20
25
30
M6
16.5
40
35
30
30
25
0.30
0.70
0.70
0.80
0.80
1.5
4
5
5.5
7
511200
511215
511220
511225
511230
-
1
1
1
1
2
2
2
80
60
50
50
60
55
50
0.80
1.00
1.20
2.00
1.00
1.20
2.00
2
3.5
5
8
3.5
5.5
8
-
-
-
-
4
4
4
15
M6
-
0.70
4
511154
Fig.
10
15
10
15
M4
-
1
1
2
2
20
2
3
2
3
0.20
0.30
0.20
0.30
511150
511151
511152
511153
-
-
2.5
2.5
H
mm
DIMENSIONS AND OPERATING CHARACTERISTICS
61
CYLINDRICAL STOPS
CONICAL PROGRESSIVE STOPS
See current price list for availability of items.
See current price list for availability of items.
See current price list for availability of items.
DIABOLO STOPS
∅ A
mm
B
mm
Ø C
Max.
load
daN
Deflect
mm
Energy
Joules
Reference
12.5
16
20
25.5
10
13.5
15
20
10
15
20
25
M5
M5
G
mm
10
12
1
1
12
11
10
8
20
20
15
15
2
2.5
3
3.5
0.12
0.13
0.16
0.14
0.20
0.30
0.30
0.30
2
3
4
5
511110
511128
511115
511125
511292
511294
511296
511298
511158
511155
511159
511160
511164
511162
511163
Ø A
mm
B
mm
Ø C
G
mm
Energy
Joules
Reference
25.5
30
30
50
50
50
50
50
50
60
60
72
72
95
20
25
13.5
25
20
25
35
25
15
25
62
25
30
45
19
30
30
50
50
64
64
58
58
40
40
58
58
80
M8
M8
M6
M10
M8
M10
M8
M10
M8
M10
M14
M10
M12
M16
3
6
6
30
30
40
40
37
37
27
27
50
50
120
8
15
15
25
25
32
32
28
28
18
18
26
26
37
100
140
140
340
340
370
370
400
400
550
550
550
550
1100
9
18
18
90
90
120
120
110
110
70
70
150
150
350
Wght
g
20
37
30
85
75
150
150
130
120
140
200
290
300
750
512251
512307
512301
512515
512501
512516
512502
512517
512503
512608
512601
512700
512721
512951
Ø A
mm
B
mm
Ø C
G
mm
Max.
instant.
load
daN
Deflect.
mm
20
20
25
30
35
57
57
60
80
95
42
42
57
65
70
M8
M8
M10
M14
M16
100
200
350
800
1000
10
12
15
16
18
40
75
150
300
400
4
5.5
8
9.5
9.5
Energy
Joules
1
2
6
15
20
60
80
190
500
790
511571
511572
511601
511801
511951
S
cm²
5
9.5
19.5
38.5
50
Ø C
Ø A
C
A
Ø C
Ø A
S (cm²)
-
-
Ø C
Ø A
Fig. 1
Fig. 2
New range
RADIAFLEX



Html Pages

1 2 3 4 5