전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC393 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 BC393
상세설명  HIGH VOLTAGE AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BC393 데이터시트(HTML) 4 Page - STMicroelectronics

  BC393 Datasheet HTML 1Page - STMicroelectronics BC393 Datasheet HTML 2Page - STMicroelectronics BC393 Datasheet HTML 3Page - STMicroelectronics BC393 Datasheet HTML 4Page - STMicroelectronics BC393 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
12.7
0.500
B
0.49
0.019
D
5.3
0.208
E
4.9
0.193
F
5.8
0.228
G
2.54
0.100
H
1.2
0.047
I
1.16
0.045
L45
o
45
o
L
G
I
DA
H
C
TO-18 MECHANICAL DATA
0016043
BC393
4/5



Html Pages

1 2 3 4 5