전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MF12 330R. 데이터시트(PDF) 20 Page - Multicomp Pro

부품명 MF12 330R.
상세설명  Precision Metal Film Fixed Resistor Axial Leaded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MULTICOMP [Multicomp Pro]
홈페이지  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MF12 330R. 데이터시트(HTML) 20 Page - Multicomp Pro

Back Button MF12 330R. Datasheet HTML 13Page - Multicomp Pro MF12 330R. Datasheet HTML 14Page - Multicomp Pro MF12 330R. Datasheet HTML 15Page - Multicomp Pro MF12 330R. Datasheet HTML 16Page - Multicomp Pro MF12 330R. Datasheet HTML 17Page - Multicomp Pro MF12 330R. Datasheet HTML 18Page - Multicomp Pro MF12 330R. Datasheet HTML 19Page - Multicomp Pro MF12 330R. Datasheet HTML 20Page - Multicomp Pro MF12 330R. Datasheet HTML 21Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Page <20>
V1.0
05/09/19
Precision Metal Film Fixed Resistor
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Resistor, 500mW 1% 47K
MF50 47K.
Resistor, 500mW 1% 47R
MF50 47R
Resistor, 500mW 1% 4K3
MF50 4K3
Resistor, 500mW 1% 4K3
MF50 4K3.
Resistor, 500mW 1% 4K7
MF50 4K7
Resistor, 500mW 1% 4R7
MF50 4R7
Resistor, 500mW 1% 510K
MF50 510K
Resistor, 500mW 1% 510K
MF50 510K.
Resistor, 500mW 1% 510R
MF50 510R
Resistor, 500mW 1% 51K
MF50 51K
Resistor, 500mW 1% 51K
MF50 51K.
Resistor, 500mW 1% 51R
MF50 51R
Resistor, 500mW 1% 51R
MF50 51R.
Resistor, 500mW 1% 560K
MF50 560K
Resistor, 500mW 1% 560R
MF50 560R
Resistor, 500mW 1% 560R
MF50 560R.
Resistor, 500mW 1% 56K
MF50 56K
Resistor, 500mW 1% 56K
MF50 56K.
Resistor, 500mW 1% 56R
MF50 56R
Resistor, 500mW 1% 5K1
MF50 5K1
Resistor, 500mW 1% 5K6
MF50 5K6
Resistor, 500mW 1% 620K
MF50 620K
Resistor, 500mW 1% 620K
MF50 620K.
Resistor, 500mW 1% 620R
MF50 620R
Resistor, 500mW 1% 62K
MF50 62K
Resistor, 500mW 1% 62R
MF50 62R
Resistor, 500mW 1% 62R
MF50 62R.
Resistor, 500mW 1% 680K
MF50 680K
Resistor, 500mW 1% 680K
MF50 680K.
Resistor, 500mW 1% 680R
MF50 680R
Resistor, 500mW 1% 68K
MF50 68K
Resistor, 500mW 1% 68R
MF50 68R
Resistor, 500mW 1% 6K2
MF50 6K2
Resistor, 500mW 1% 6K8
MF50 6K8
Resistor, 500mW 1% 6R8
MF50 6R8
Resistor, 500mW 1% 750K
MF50 750K
Resistor, 500mW 1% 750K
MF50 750K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com