| 전자부품 데이터시트 검색엔진 |
|
PIC16F18344-I/P 데이터시트(PDF) 68 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F18344-I/P 데이터시트(HTML) 68 Page - Microchip Technology |
|
68 / 489 page ![]() PIC16(L)F18324/18344 DS40001800C-page 68 2015-2017 Microchip Technology Inc. 6.0 RESETS There are multiple ways to reset this device: • Power-On Reset (POR) • Brown-Out Reset (BOR) • Low-Power Brown-Out Reset (LPBOR) •MCLR Reset •WDT Reset • RESET instruction • Stack Overflow • Stack Underflow • Programming mode exit To allow VDD to stabilize, an optional Power-up Timer can be enabled to extend the Reset time after a BOR or POR event. A simplified block diagram of the on-chip Reset circuit is shown in Figure 6-1. FIGURE 6-1: SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT Note 1: See Table 6-1 for BOR active conditions. Device Reset Power-on Reset WDT Time-out Brown-out Reset LPBOR Reset RESET Instruction MCLRE Sleep BOR Active (1) PWRTE LFINTOSC VDD ICSP™ Programming Mode Exit Stack Underflow Stack Overlfow VPP/MCLR R Power-up Timer Rev. 10-000006A 8/14/2013 |