| 전자부품 데이터시트 검색엔진 |
|
PIC16F18344-I/SS 데이터시트(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F18344-I/SS 데이터시트(HTML) 11 Page - Microchip Technology |
|
11 / 489 page ![]() 2015-2017 Microchip Technology Inc. DS40001800C-page 11 PIC16(L)F18324/18344 1.0 DEVICE OVERVIEW The PIC16(L)F18324/18344 devices are described within this data sheet. PIC16(L)F18324 is available in 14-pin PDIP, SOIC, TSSOP and 16-pin UQFN packages. PIC16(L)F18344 is available in 20-pin PDIP, SOIC, SSOP and UQFN packages. See Section 38.0 “Packaging Information” for further packaging information. Figure 1-1 shows a block diagram of the PIC16(L)F18324/18344 devices. Table 1-2 shows the pinout descriptions. Reference Table 1-1 for peripherals available per device. TABLE 1-1: DEVICE PERIPHERAL SUMMARY Peripheral Analog-to-Digital Converter (ADC) ●● Temperature Indicator ●● Digital-to-Analog Converter (DAC) DAC1 ●● Fixed Voltage Reference (FVR) ADCFVR ●● CDAFVR ●● Digital Signal Modulator (DSM) DSM1 ●● Numerically Controlled Oscillator (NCO) NCO1 ●● Capture/Compare/PWM (CCP) Modules CCP1 ●● CCP2 ●● CCP3 ●● CCP4 ●● Comparators C1 ●● C2 ●● Complementary Waveform Generator (CWG) CWG1 ●● CWG2 ●● Configurable Logic Cell (CLC) CLC1 ●● CLC2 ●● CLC3 ●● CLC4 ●● Enhanced Universal Synchronous/Asynchronous Receiver/ Transmitter (EUSART) EUSART1 ●● Master Synchronous Serial Port (MSSP) MSSP1 ●● Pulse-Width Modulator (PWM) PWM5 ●● PWM6 ●● Timers (TMR) TMR0 ●● TMR1 ●● TMR2 ●● TMR3 ●● TMR4 ●● TMR5 ●● TMR6 ●● |