전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AXCH2T45 데이터시트(PDF) 22 Page - Texas Instruments

부품명 SN74AXCH2T45
상세설명  SN74AXCH2T45 2-Bit Bus Transceiver with Configurable Level-Shifting and Bus-Hold Inputs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AXCH2T45 데이터시트(HTML) 22 Page - Texas Instruments

Back Button SN74AXCH2T45 Datasheet HTML 18Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 19Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 20Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 21Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 22Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 23Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 24Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 25Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
System
Controller
CPU
B1
VCCA
VCCB
DIR
A1
2.5 V
0.7 V
0.1 µF
0.1 µF
SN74AXCH2T45
GND
GPIO1
CAT ERR
B2
A2
GPIO2
PROC HOT
22
SN74AXCH2T45
SCES881 – FEBRUARY 2020
www.ti.com
Product Folder Links: SN74AXCH2T45
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SN74AXCH2T45 device can be used in level-translation applications for interfacing devices or systems
operating at different interface voltages with one another. The SN74AXCH2T45 device is ideal for use in
applications where a push-pull driver is connected to the data I/Os. The max data rate can be up to 380 Mbps
when device translates a signal from 1.8 V to 3.3 V.
One example application is shown in Figure 7, where the SN74AXCH2T45 device is used to translate low
voltage error signals from a CPU to a higher voltage signal to properly drive the inputs of a system controller,
thus alerting the system of any CPU errors such as overheating or other catastrophic processor errors.
9.1.1 Enable Times
Calculate the enable times for the SN74AXCH2T45 using the following formulas:
tPZH (DIR to A) = tPLZ (DIR to B) + tPLH (B to A)
(1)
tPZL (DIR to A) = tPHZ (DIR to B) + tPHL (B to A)
(2)
tPZH (DIR to B) = tPLZ (DIR to A) + tPLH (A to B)
(3)
tPZL (DIR to B) = tPHZ (DIR to A) + tPHL (A to B)
(4)
In a bidirectional application, these enable times provide the maximum delay time from the time the DIR bit is
switched until an output is expected. For example, if the SN74AXCH2T45 initially is transmitting from A to B, then
the DIR bit is switched; the B port of the device must be disabled before presenting it with an input. After the B
port has been disabled, an input signal applied to it appears on the corresponding A port after the specified
propagation delay.
9.2 Typical Application
Figure 7. Processor Error Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com