| 전자부품 데이터시트 검색엔진 |
|
SN74LS155AD 데이터시트(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LS155AD 데이터시트(HTML) 8 Page - Texas Instruments |
|
8 / 23 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 29-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) 5962-9750801QEA Active Production CDIP (J) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962-9750801QE A SNJ54LS155AJ 5962-9750801QFA Active Production CFP (W) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962-9750801QF A SNJ54LS155AW 5962-9750801QFA Active Production CFP (W) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962-9750801QF A SNJ54LS155AW SN54LS155AJ Active Production CDIP (J) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 SN54LS155AJ SN54LS155AJ Active Production CDIP (J) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 SN54LS155AJ SN54LS155AJ.A Active Production CDIP (J) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 SN54LS155AJ SN54LS155AJ.A Active Production CDIP (J) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 SN54LS155AJ SN54LS156J Active Production CDIP (J) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 SN54LS156J SN54LS156J Active Production CDIP (J) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 SN54LS156J SN54LS156J.A Active Production CDIP (J) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 SN54LS156J SN54LS156J.A Active Production CDIP (J) | 16 25 | TUBE No SNPB N/A for Pkg Type -55 to 125 SN54LS156J SN74LS155AD Obsolete Production SOIC (D) | 16 - - Call TI Call TI 0 to 70 LS155A SN74LS155AD Obsolete Production SOIC (D) | 16 - - Call TI Call TI 0 to 70 LS155A SN74LS155ADR Active Production SOIC (D) | 16 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 LS155A SN74LS155ADR Active Production SOIC (D) | 16 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 LS155A SN74LS155ADR.A Active Production SOIC (D) | 16 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 LS155A SN74LS155ADR.A Active Production SOIC (D) | 16 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 LS155A SN74LS155AN Active Production PDIP (N) | 16 25 | TUBE Yes NIPDAU | NIPDAU N/A for Pkg Type 0 to 70 SN74LS155AN SN74LS155AN Active Production PDIP (N) | 16 25 | TUBE Yes NIPDAU | NIPDAU N/A for Pkg Type 0 to 70 SN74LS155AN SN74LS155AN.A Active Production PDIP (N) | 16 25 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 SN74LS155AN SN74LS155AN.A Active Production PDIP (N) | 16 25 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 SN74LS155AN SN74LS155ANE4 Active Production PDIP (N) | 16 25 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 SN74LS155AN SN74LS155ANE4 Active Production PDIP (N) | 16 25 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 SN74LS155AN SN74LS155ANSR Active Production SOP (NS) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 74LS155A SN74LS155ANSR Active Production SOP (NS) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 74LS155A Addendum-Page 1 |