| 전자부품 데이터시트 검색엔진 |
|
BCW69 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BCW69 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() BCW69 BCW70 SMALL SIGNAL PNP TRANSISTORS s SILICON EPITAXIAL PLANAR PNP TRANSISTORS s MINIATURE PLASTIC PACKAGE FOR APPLICATION IN SURFACE MOUNTING CIRCUITS s LOW LEVEL AUDIO AMPLIFICATION AND SWITCHING INTERNAL SCHEMATIC DIAGRAM March 1996 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCES Collect or-Emitt er Voltage (VBE =0) -50 V VCEO Collect or-Emitt er Voltage (IB =0) -45 V VCBO Collect or-Base Voltage (IE =0) -50 V VEBO Emitt er-Base Voltage (IC =0) -5 V IC Collect or Current -0. 1 A ICM Collect or Peak Current -0. 2 A Ptot Total Dissipation at Tc =25 oC300 mW Tstg St orage Temperature -65 t o 150 oC Tj Max. Operating Junction Temperature 150 oC 1 2 3 SOT-23 Type Marking BCW 69 H1 BCW 70 H2 1/4 |
유사한 부품 번호 - BCW69 |
|
유사한 설명 - BCW69 |