전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LVC2T45 데이터시트(PDF) 14 Page - Texas Instruments

부품명 SN74LVC2T45
상세설명  SN74LVC2T45-Q1 Automotive Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2T45 데이터시트(HTML) 14 Page - Texas Instruments

Back Button SN74LVC2T45 Datasheet HTML 10Page - Texas Instruments SN74LVC2T45 Datasheet HTML 11Page - Texas Instruments SN74LVC2T45 Datasheet HTML 12Page - Texas Instruments SN74LVC2T45 Datasheet HTML 13Page - Texas Instruments SN74LVC2T45 Datasheet HTML 14Page - Texas Instruments SN74LVC2T45 Datasheet HTML 15Page - Texas Instruments SN74LVC2T45 Datasheet HTML 16Page - Texas Instruments SN74LVC2T45 Datasheet HTML 17Page - Texas Instruments SN74LVC2T45 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
7 Detailed Description
7.1 Overview
The SN74LVC2T45-Q1 is a dual-bit, dual-supply noninverting voltage level translation device. VCCA supports
pin Ax and the direction control pin, and VCCB supports pin Bx. The A port can accept I/O voltages ranging
from 1.65V to 5.5V, while the B port can accept I/O voltages from 1.65V to 5.5V. The high on DIR allows data
transmission from A to B and a low on DIR allows data transmission from B to A.
7.2 Functional Block Diagram
B1
DIR
5
7
A1
2
VCCA
VCCB
B2
6
A2
3
Figure 7-1. Logic Diagram (Positive Logic)
7.3 Feature Description
7.3.1 Fully Configurable Dual-Rail Design Allows Each Port to Operate Over the Full 1.65V to 5.5V
Power-Supply Range
Both VCCA and VCCB can be supplied at any voltage between 1.65V and 5.5V making the device suitable for
translating between any of the voltage nodes (1.8V, 2.5V, 3.3V, and 5V).
7.3.2 Support High-Speed Translation
SN74LVC2T45-Q1 can support high data rate applications. The translated signal data rate can be up to
420Mbps when signal is translated from 3.3V to 5V.
7.3.3 Ioff Supports Partial-Power-Down Mode Operation
Ioff will prevent backflow current by disabling I/O output circuits when the device is in Partial-Power-Down mode.
The inputs and outputs for this device enter a high-impedance state when the device is powered down, inhibiting
current backflow into the device. The maximum leakage into or out of any input or output pin on the device is
specified by Ioff in the Electrical Characteristics.
7.3.4 Balanced High-Drive CMOS Push-Pull Outputs
A balanced output allows the device to sink and source similar currents. The high drive capability of this device
creates fast edges into light loads so impedance matching and load conditions should be considered to prevent
ringing. Additionally, the outputs of this device are capable of driving larger currents than the device can sustain
without being damaged. Two outputs can be connected together for a stronger output drive strength. The
electrical and thermal limits defined in the Absolute Maximum Ratings must be followed at all times.
7.3.5 Glitch-Free Power Supply Sequencing
Either supply rail may be powered on or off in any order without producing a glitch on the I/Os (that is, where
the output erroneously transitions to VCC when it should be held low or vice versa). Glitches of this nature can
SN74LVC2T45-Q1
SCES818C – SEPTEMBER 2010 – REVISED JULY 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74LVC2T45-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30