| 전자부품 데이터시트 검색엔진 |
|
SN74LVC2G14DBVT.B 데이터시트(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC2G14DBVT.B 데이터시트(HTML) 13 Page - Texas Instruments |
|
13 / 26 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) SN74LVC2G14DBVR Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU | SN | NIPDAU Level-1-260C-UNLIM -40 to 125 (C145, C14F, C14K, C14R) SN74LVC2G14DBVR.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C145, C14F, C14K, C14R) SN74LVC2G14DBVRE4 Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C14F, C14R) SN74LVC2G14DBVRG4 Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C14F, C14R) SN74LVC2G14DBVRG4.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C14F, C14R) SN74LVC2G14DBVT Active Production SOT-23 (DBV) | 6 250 | SMALL T&R Yes NIPDAU | SN | NIPDAU Level-1-260C-UNLIM -40 to 125 (C145, C14F, C14K, C14R) SN74LVC2G14DBVT.B Active Production SOT-23 (DBV) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C145, C14F, C14K, C14R) SN74LVC2G14DBVTG4 Active Production SOT-23 (DBV) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C14F, C14R) SN74LVC2G14DBVTG4.B Active Production SOT-23 (DBV) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C14F, C14R) SN74LVC2G14DCK3 Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SNBI Level-1-260C-UNLIM -40 to 125 (CFF, CFZ) SN74LVC2G14DCK3.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SNBI Level-1-260C-UNLIM -40 to 125 (CFF, CFZ) SN74LVC2G14DCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN | NIPDAU Level-1-260C-UNLIM -40 to 125 (CF5, CFF, CFJ, CF K, CFR) SN74LVC2G14DCKR.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (CF5, CFF, CFJ, CF K, CFR) SN74LVC2G14DCKRE4 Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CF5 SN74LVC2G14DCKRG4 Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CF5 SN74LVC2G14DCKRG4.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CF5 SN74LVC2G14DCKT Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU | SN | NIPDAU Level-1-260C-UNLIM -40 to 125 (CF5, CFF, CFJ, CF K, CFR) SN74LVC2G14DCKT.B Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (CF5, CFF, CFJ, CF K, CFR) SN74LVC2G14DCKTG4 Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CF5 SN74LVC2G14DCKTG4.B Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CF5 SN74LVC2G14YZPR Active Production DSBGA (YZP) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 (CF7, CFN) SN74LVC2G14YZPR.B Active Production DSBGA (YZP) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 (CF7, CFN) (1) Status: For more details on status, see our product life cycle. Addendum-Page 1 |