전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD336 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 BD336
상세설명  SILICON PNP POWER DARLINGTON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD336 데이터시트(HTML) 3 Page - STMicroelectronics

  BD336 Datasheet HTML 1Page - STMicroelectronics BD336 Datasheet HTML 2Page - STMicroelectronics BD336 Datasheet HTML 3Page - STMicroelectronics BD336 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
7.4
7.8
0.291
0.307
B
10.5
10.8
0.413
0.444
b
0.7
0.9
0.028
0.035
b1
0.49
0.75
0.019
0.030
C
2.4
2.7
0.04
0.106
c1
1.0
1.3
0.039
0.05
D
15.4
16
0.606
0.629
e
2.2
0.087
e3
4.15
4.65
0.163
0.183
F
3.8
0.150
H
2.54
0.100
H2
2.15
0.084
A
e3
e
b1
c1
C
b
H2
P032A
SOT-82 MECHANICAL DATA
BD336
3/4



Html Pages

1 2 3 4