전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

736 데이터시트(PDF) 2 Page - Adafruit Industries

부품명 736
상세설명  Slip Ring with Flange - 22mm diameter, 6 wires, max 240V @ 2A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADAFRUIT [Adafruit Industries]
홈페이지  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

736 데이터시트(HTML) 2 Page - Adafruit Industries

  736 Datasheet HTML 1Page - Adafruit Industries 736 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
With a slip ring assembly, your electronics can now twist and turn safely. Add wheel
encoders, 360 degree sensors, rotating LEDs, rotors and more! We've seen a lot of
people DIY slip ring's out of desperation but no longer, simply pick up one of these
to solve any rotation needs you have.
Inside the plastic tube is a gold plated slip ring for 6 wires. There are six color
coded wire sets made of 26 AWG and no matter how you twist the assembly, they
will remain in continuity. Each of the wire sets can carry up to 2A at up to 240VAC
or 240VDC. There's a 44mm (1.7") diameter flange with mounting holes to make it
easy to attach or you can cut it off with a hacksaw and drill/machine as you wish it
seems to just be ABS plastic. Rated to rotate up to 300 RPM (but you can probably
go faster if you don't mind a reduced life and/or noise).
7/16/2015
http://www.adafruit.com/products/736



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com