전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JL04V-6A22-23PEW-R 데이터시트(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

부품명 JL04V-6A22-23PEW-R
상세설명  Individual plug, TÜV, Waterproof (when mated) type, 8 pos., Pin, Contact arrangement code: 22-23
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JAE [Japan Aviation Electronics Industry, Ltd.]
홈페이지  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JL04V-6A22-23PEW-R 데이터시트(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  JL04V-6A22-23PEW-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JL04V-6A22-23PEW-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JL04V-6A22-23PEW-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Contact Arrangement Code
22-23
Contact Size X No. of Contacts
#12*8
Applicable Wire (Cross-
sectional Area of Conductor)
(mm2 max.)
3.5
Alternative Insert Position
(deg.)
W (35)
Material of Contact
Copper alloy
Finish of Contact in Connecting
Area
Silver plating
Outer Shell Color
Black system interference color
Total Current Rating (A)
110.4
Contact Resistance (milliohm
max.)
2
Dielectric Withstanding
Voltage (VACr.m.s. 1minute)
2,000
Insulation Resistance
(megaohm min. )
1,000
Operating Temperature Range
(deg. C)
-55 Deg. C to +125 Deg. C
Applicable Accessory
  
Applicable Product Part
Numbers
  
Applicable Cable Diameter
  
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
Combination
JL04V-2A22-23SEW-B-R
Remarks
  
Notice



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com