전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF85263ATT 데이터시트(PDF) 66 Page - NXP Semiconductors

부품명 PCF85263ATT
상세설명  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT 데이터시트(HTML) 66 Page - NXP Semiconductors

Back Button PCF85263ATT Datasheet HTML 62Page - NXP Semiconductors PCF85263ATT Datasheet HTML 63Page - NXP Semiconductors PCF85263ATT Datasheet HTML 64Page - NXP Semiconductors PCF85263ATT Datasheet HTML 65Page - NXP Semiconductors PCF85263ATT Datasheet HTML 66Page - NXP Semiconductors PCF85263ATT Datasheet HTML 67Page - NXP Semiconductors PCF85263ATT Datasheet HTML 68Page - NXP Semiconductors PCF85263ATT Datasheet HTML 69Page - NXP Semiconductors PCF85263ATT Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
66 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
The master must indicate that the last byte has been read by generating a
not-acknowledge after the last read byte.
10.3 Slave addressing
10.3.1 Slave address
One I2C-bus slave address (1010 001) is reserved for the PCF85263A. The entire I2C-bus
slave address byte is shown in Table 65.
After a START condition, the I2C slave address has to be sent to the PCF85263A device.
Slave address can also be written in a hexadecimal format:
• A2h - Write slave address
• A3h - Read slave address
Table 65.
I2C slave address byte
Slave address
Bit
7
6
5
4
3
2
1
0
MSB
LSB
10
10
00
1R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100