전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF85263ATT1 데이터시트(PDF) 48 Page - NXP Semiconductors

부품명 PCF85263ATT1
상세설명  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT1 데이터시트(HTML) 48 Page - NXP Semiconductors

Back Button PCF85263ATT1 Datasheet HTML 44Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 45Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 46Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 47Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 48Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 49Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 50Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 51Page - NXP Semiconductors PCF85263ATT1 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
48 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
8.11.3.3
Switching at the higher of VBAT or Vth level, BSM[1:0] = 10
With this mode switching takes place when VDD falls below the higher of Vth or VBAT. In
Figure 26, an example is given where the threshold is set to 1.5 V and a single cell battery
is connected to VBAT. In this example, switching to the battery voltage takes place when
VDD falls below Vth.
Fig 26. Switching at the higher of VBAT or Vth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100