| 전자부품 데이터시트 검색엔진 |
|
TLE2426CLPR 데이터시트(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE2426CLPR 데이터시트(HTML) 19 Page - Texas Instruments |
|
19 / 31 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 29-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TLE2426CD Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM - 2426C TLE2426CD.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM -55 to 125 2426C TLE2426CDG4 Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM See TLE2426CD 2426C TLE2426CDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM - 2426C TLE2426CDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 2426C TLE2426CLP Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type - 2426C TLE2426CLP.A Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type -55 to 125 2426C TLE2426CLPE3 Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type See TLE2426CLP 2426C TLE2426CLPR Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type - 2426C TLE2426CLPR.A Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type -55 to 125 2426C TLE2426CP Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type - TLE2426CP TLE2426CP.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -55 to 125 TLE2426CP TLE2426ID Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM - 2426I TLE2426ID.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM -55 to 125 2426I TLE2426IDG4 Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM See TLE2426ID 2426I TLE2426IDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM - 2426I TLE2426IDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 2426I TLE2426ILP Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type - 2426I TLE2426ILP.A Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type -55 to 125 2426I TLE2426ILPR Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type - 2426I TLE2426ILPR.A Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type -55 to 125 2426I TLE2426IP Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type - TLE2426IP TLE2426IP.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -55 to 125 TLE2426IP TLE2426IPE4 Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type See TLE2426IP TLE2426IP TLE2426MD Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM -55 to 125 2426M TLE2426MD.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM -55 to 125 2426M (1) Status: For more details on status, see our product life cycle. Addendum-Page 1 |