전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLV5631IPWR 데이터시트(PDF) 10 Page - Texas Instruments

부품명 TLV5631IPWR
상세설명  8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5631IPWR 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TLV5631IPWR Datasheet HTML 6Page - Texas Instruments TLV5631IPWR Datasheet HTML 7Page - Texas Instruments TLV5631IPWR Datasheet HTML 8Page - Texas Instruments TLV5631IPWR Datasheet HTML 9Page - Texas Instruments TLV5631IPWR Datasheet HTML 10Page - Texas Instruments TLV5631IPWR Datasheet HTML 11Page - Texas Instruments TLV5631IPWR Datasheet HTML 12Page - Texas Instruments TLV5631IPWR Datasheet HTML 13Page - Texas Instruments TLV5631IPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
APPLICATION INFORMATION
GENERAL FUNCTION
2REF
CODE
0x1000
[V]
POWER ON RESET (POR)
SERIAL INTERFACE
SCLK
FS
DIN
SCLK
FS
F15
F15
X
X
E0
X
E1
E14
E15
D0
D1
D14
D15
X
DIN
F15
F15
X
X
E1
E0
E14
E15
X
D0
D1
D14
D15
X
DSP Mode:
µC Mode:
TLV5630
TLV5631
TLV5632
SLAS269F – MAY 2000 – REVISED NOVEMBER 2008 .................................................................................................................................................... www.ti.com
The TLV5630/31/32 are 8-channel, single-supply DACs, based on a resistor string architecture. They consist of a
serial interface, a speed and power-down control logic, an internal reference, a resistor string, and a rail-to-rail
output buffer.
The output voltage (full scale determined by reference) for each channel is given by:
where REF is the reference voltage and CODE is the digital input value. The input range is 0x000 to 0xFFF for
the TLV5630, 0x000 to 0xFFC for the TLV5631, and 0x000 to 0xFF0 for the TLV5632.
The built-in power-on-reset circuit controls the output voltage after power up. On power up, all latches including
the preset register are set to zero, but the DAC outputs are only set to zero if the LDAC is low. The DAC outputs
may have a small offset error produced by the output buffer. The registers remains at zero until a valid write
sequence is made to the DAC, changing the DAC register data. This is useful in applications where it is
important to know the state of the outputs of the DAC after power up. All digital inputs must be logic low until the
digital and analog supplies are applied. Any logic high voltages applied to the logic input pins when power is not
applied to AVDD and DVDD, may power the device logic circuit through the overvoltage protection diode causing
an undesired operation. When separate analog (AVDD) and digital (DVDD) supplies are used, AVDD must come up
first before DVDD, to ensure that the power-on-reset circuit operates correctly.
A falling edge of FS starts shifting the data on DIN starting with the MSB to the internal register on the falling
edges of SCLK. After 16 bits have been transferred, the content of the shift register is moved to one of the DAC
holding registers, depending on the address bits within the data word. A logic 0 on the LDAC pin is required to
transfer the content of the DAC holding register to the DAC latch and to update the DAC outputs. LDAC is an
asynchronous input. It can be held low if a simultaneous update of all eight channels is not needed.
For daisy-chaining, DOUT provides the data sampled on DIN with a delay of 16 clock cycles.
10
Submit Documentation Feedback
Copyright © 2000–2008, Texas Instruments Incorporated
Product Folder Link(s): TLV5630 TLV5631 TLV5632



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25