| 전자부품 데이터시트 검색엔진 |
|
EGC2015AFB 데이터시트(PDF) 61 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
EGC2015AFB 데이터시트(HTML) 61 Page - Eaton All Rights Reserved. |
|
61 / 63 page ![]() Volume 9—OEM—Original Equipment Manufacturer CA08100011E—February 2014 www.eaton.com V9-T1-61 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1.3 Circuit Protection Rotary Disconnect Switches Product Selection Manual Transfer Switches—UL 98 Standard 1 Notes 1 All ratings, 100–1200A, are UL 98 listed. Switches are to be UL 1008 listed in 2011. 2 Line or load (top or bottom); for both line and load, order two kits. 3 Low level auxiliary contact—gold plated for minimal resistance—for PLC applications. Ampere Rating Number of Poles Switch Body Only 1 Direct Handle (Black) External Three- Position Handle (Choose One) Shaft Extensions for External Handle In (mm) (Choose One) Bridging Bars Auxiliary Contacts Terminal Screens 2 100 3 RMTS3100U DHMTSSL Size 2, Black I–0–II Type 4/4X PHB2N4X3P Size 2, Red I–0–II Type 4/4X PHR2N4X3P 7.90 (200.6) SF200PH10X10 12.60 (320.0) SF320PH10X10 15.70 (398.8) SF400PH10X10 3P BB3P200 4P BB4P200 NO/NC AC1NONCMTS400 Low level AC1NONCMTS400LL 3 3P TS3MTS200TB 4P TS4MTS200TB 4 RMTS4100U 200 3 RMTS3200U 4 RMTS4200U 400 3 RMTS3400U Size 3, Black I–0–II Type 4/4X PHB3N4X3P Size 3, Red I–0–II Type 4/4X PHR3N4X3P 7.90 (200.6) SF200PH15X12 12.60 (320.0) SF320PH15X12 15.70 (398.8) SF400PH15X12 3P BB3P400 4P BB4P400 3P TS3MTS400TB 4P TS4MTS400TB 4 RMTS4400U 600 3 RMTS3600U DHMTSDL Size 4, Black I–0–II Type 4/4X PHB4N4X3P Size 4, Red I–0–II Type 4/4X PHR4N4X3P 3P BB3P600 4P BB4P600 NO/NC contact standard 3P TS3MTS600 4P TS4MTS600 4 RMTS4600U 800 3 RMTS3800U DHMTSDLM 3P BB3P1200 4P BB4P1200 3P TS3MTS1200 4P TS4MTS1200 4 RMTS4800U 1200 3 RMTS31200U 4 RMTS41200U + ++ Switch body Direct handle Switch body Shaft External handle + + + Direct Operation External Operation |