전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS767D301MPWPREP.A 데이터시트(PDF) 5 Page - Texas Instruments

부품명 TPS767D301MPWPREP.A
상세설명  DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TPS767D301MPWPREP.A 데이터시트(HTML) 5 Page - Texas Instruments

  TPS767D301MPWPREP.A Datasheet HTML 1Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 2Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 3Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 4Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 5Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 6Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 7Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 8Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TPS767D301-EP
www.ti.com
SGLS327A – FEBRUARY 2006 – REVISED APRIL 2010
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VI
Input voltage range(2)
–0.3
13.5
V
VI
Input voltage range
1IN, 2IN, EN
–0.3
VI + 0.3
V
1OUT, 2OUT
7
VO
Output voltage
V
RESET
16.5
Peak output current
Internally limited
HBM
ESD rating
2
kV
Continuous total power dissipation
See Dissipation Rating Table
TJ
Operating virtual junction temperature range
–55
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
Table 2. DISSIPATION RATING TABLE
AIR FLOW
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
(CFM)
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
0
3.58 W
35.8 mW/°C
1.97 W
1.43 W
PWP(1)
250
5.07 W
50.7 mW/°C
2.79 W
2.03 W
(1)
This parameter is measured with the recommended copper heat-sink pattern on a four-layer PCB, 1-oz copper on 4-in × 4-in ground
layer. For more information, refer to TI technical brief literature number SLMA002.
Recommended Operating Conditions
MIN
MAX
UNIT
VI
Input voltage(1)
1IN, 2IN
2.7
10
V
IO
Output current for each LDO(2)
0
1
A
VO
Output voltage range
1OUT, 2OUT
1.5
5.5
V
TJ
Operating virtual junction temperature
–55
125
°C
(1)
To calculate the minimum input voltage for maximum output current, use the following equation:
VI(min) = VO(max) + VDO(max load)
(2)
Continuous output current and operating junction temperature are limited by internal protection circuitry, but it is not recommended that
the device operate under conditions beyond those specified in this table for extended periods of time.
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS767D301-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com