전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D19FVT69B 데이터시트(PDF) 9 Page - Pentair plc. All rights reserved.

부품명 D19FVT69B
상세설명  Shelves, Keyboard Trays and Gland Plates
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PENTAIR [Pentair plc. All rights reserved.]
홈페이지  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

D19FVT69B 데이터시트(HTML) 9 Page - Pentair plc. All rights reserved.

Back Button D19FVT69B Datasheet HTML 4Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 5Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 6Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 7Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 8Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 9Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 10Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 11Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 12Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ShelveS, Keyboard TrayS and Gland PlaTeS ShelveS For rackS and cabinetS
Spec-00035 S
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
acceSSorieS
9
19-in. Fixed ShelF
14 gauge steel fixed shelf has large ventilation slots in shelf
surface. Mounts between two pair of rack mounting angles that
have accessory mounting legs. Shelves have RAL 7035 light-
gray polyester powder paint finish. Plated mounting hardware is
furnished.
Bulletin: p20
Catalog Number
D (in.)
D (mm)
E (in.)
E (mm)
F (in.)
F (mm)
Fits Rack Width
A19SH5
16.06
408
10.46
266
13.46
342
19 (in.)
A19SH6
20.00
508
14.40
366
17.40
442
19 (in.)
A19SH8
27.87
708
22.27
566
25.27
642
19 (in.)
Fixed ShelF
14 gauge steel fixed shelf has a
large slot in rear of shelf surface for
wire management. Mounts between
two pair of rack mounting angles
that have accessory mounting legs.
Shelves are white. Plated mounting
hardware is furnished.
Bulletin: p20
Catalog Number
Fits Rack Width
DL29SH
24 (in.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12