| 전자부품 데이터시트 검색엔진 |
|
ASE20X14X3NK 데이터시트(PDF) 3 Page - Pentair plc. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
ASE20X14X3NK 데이터시트(HTML) 3 Page - Pentair plc. All rights reserved. |
|
3 / 8 page ![]() Type 1 Boxes and enclosures Screw-cover Type 1 pull BoxeS and acceSSorieS Spec-00258 I EQUIPMENT PROTECTION SUBJECT TO CHANGE WITHOUT NOTICE conTracTor 3 Catalog Number AxBxC in. AxBxC mm Style Number of Cover Screws ASE12X8X4NK 12.00 x 8.00 x 4.00 305 x 203 x 102 Painted 4 ASG12X8X4NK 12.00 x 8.00 x 4.00 305 x 203 x 102 Galvanized 4 ASE12X10X4NK 12.00 x 10.00 x 4.00 305 x 254 x 102 Painted 4 ASG12X10X4NK 12.00 x 10.00 x 4.00 305 x 254 x 102 Galvanized 4 ASE12X12X4NK 12.00 x 12.00 x 4.00 305 x 305 x 102 Painted 4 ASG12X12X4NK 12.00 x 12.00 x 4.00 305 x 305 x 102 Galvanized 4 ASE15X15X4NK 15.00 x 15.00 x 4.00 381 x 381 x 102 Painted 4 ASG15X15X4NK 15.00 x 15.00 x 4.00 381 x 381 x 102 Galvanized 4 ASE16X12X4NK 16.00 x 12.00 x 4.00 406 x 305 x 102 Painted 4 ASG16X12X4NK 16.00 x 12.00 x 4.00 406 x 305 x 102 Galvanized 4 ASE18X12X4NK 18.00 x 12.00 x 4.00 457 x 305 x 102 Painted 4 ASG18X12X4NK 18.00 x 12.00 x 4.00 457 x 305 x 102 Galvanized 4 ASE18X15X4NK 18.00 x 15.00 x 4.00 457 x 381 x 102 Painted 4 ASE18X18X4NK 18.00 x 18.00 x 4.00 457 x 457 x 102 Painted 4 ASG18X18X4NK 18.00 x 18.00 x 4.00 457 x 457 x 102 Galvanized 4 ASE24X12X4NK 24.00 x 12.00 x 4.00 610 x 305 x 102 Painted 4 ASE24X18X4NK 24.00 x 18.00 x 4.00 610 x 457 x 102 Painted 4 ASG24X18X4NK 24.00 x 18.00 x 4.00 610 x 457 x 102 Galvanized 4 ASE24X24X4NK 24.00 x 24.00 x 4.00 610 x 610 x 102 Painted 4 ASG24X24X4NK 24.00 x 24.00 x 4.00 610 x 610 x 102 Galvanized 4 ASE30X24X4NK 30.00 x 24.00 x 4.00 762 x 610 x 102 Painted 6 ASE30X30X4NK 30.00 x 30.00 x 4.00 762 x 762 x 102 Painted 8 ASE6X6X6NK 6.00 x 6.00 x 6.00 152 x 152 x 152 Painted 2 ASG6X6X6NK 6.00 x 6.00 x 6.00 152 x 152 x 152 Galvanized 2 ASE8X6X6NK 8.00 x 6.00 x 6.00 203 x 152 x 152 Painted 2 ASG8X6X6NK 8.00 x 6.00 x 6.00 203 x 152 x 152 Galvanized 2 ASE8X8X6NK 8.00 x 8.00 x 6.00 203 x 203 x 152 Painted 4 ASG8X8X6NK 8.00 x 8.00 x 6.00 203 x 203 x 152 Galvanized 4 ASE10X8X6NK 10.00 x 8.00 x 6.00 254 x 203 x 152 Painted 4 ASG10X8X6NK 10.00 x 8.00 x 6.00 254 x 203 x 152 Galvanized 4 ASE10X10X6NK 10.00 x 10.00 x 6.00 254 x 254 x 152 Painted 4 ASG10X10X6NK 10.00 x 10.00 x 6.00 254 x 254 x 152 Galvanized 4 ASE12X6X6NK 12.00 x 6.00 x 6.00 305 x 152 x 152 Painted 4 ASE12X8X6NK 12.00 x 8.00 x 6.00 305 x 203 x 152 Painted 4 ASG12X8X6NK 12.00 x 8.00 x 6.00 305 x 203 x 152 Galvanized 4 ASE12X10X6NK 12.00 x 10.00 x 6.00 305 x 254 x 152 Painted 4 ASG12X10X6NK 12.00 x 10.00 x 6.00 305 x 254 x 152 Galvanized 4 ASE12X12X6NK 12.00 x 12.00 x 6.00 305 x 305 x 152 Painted 4 ASG12X12X6NK 12.00 x 12.00 x 6.00 305 x 305 x 152 Galvanized 4 ASE16X12X6NK 16.00 x 12.00 x 6.00 406 x 305 x 152 Painted 4 ASG16X12X6NK 16.00 x 12.00 x 6.00 406 x 305 x 152 Galvanized 4 ASE16X16X6NK 16.00 x 16.00 x 6.00 406 x 406 x 152 Painted 4 ASG16X16X6NK 16.00 x 16.00 x 6.00 406 x 406 x 152 Galvanized 4 ASE18X12X6NK 18.00 x 12.00 x 6.00 457 x 305 x 152 Painted 4 ASG18X12X6NK 18.00 x 12.00 x 6.00 457 x 305 x 152 Galvanized 4 ASE18X18X6NK 18.00 x 18.00 x 6.00 457 x 457 x 152 Painted 4 ASG18X18X6NK 18.00 x 18.00 x 6.00 457 x 457 x 152 Galvanized 4 ASE24X12X6NK 24.00 x 12.00 x 6.00 610 x 305 x 152 Painted 4 ASG24X12X6NK 24.00 x 12.00 x 6.00 610 x 305 x 152 Galvanized 4 ASE24X18X6NK 24.00 x 18.00 x 6.00 610 x 457 x 152 Painted 4 ASG24X18X6NK 24.00 x 18.00 x 6.00 610 x 457 x 152 Galvanized 4 ASE24X20X6NK 24.00 x 20.00 x 6.00 610 x 508 x 152 Painted 4 ASG24X20X6NK 24.00 x 20.00 x 6.00 610 x 508 x 152 Galvanized 4 ASE24X24X6NK 24.00 x 24.00 x 6.00 610 x 610 x 152 Painted 4 ASG24X24X6NK 24.00 x 24.00 x 6.00 610 x 610 x 152 Galvanized 4 ASE30X24X6NK 30.00 x 24.00 x 6.00 762 x 610 x 152 Painted 6 ASG30X24X6NK 30.00 x 24.00 x 6.00 762 x 610 x 152 Galvanized 6 ASE30X30X6NK 30.00 x 30.00 x 6.00 762 x 762 x 152 Painted 8 ASG30X30X6NK 30.00 x 30.00 x 6.00 762 x 762 x 152 Galvanized 8 ASE36X24X6NK 36.00 x 24.00 x 6.00 914 x 610 x 152 Painted 6 ASG36X24X6NK 36.00 x 24.00 x 6.00 914 x 610 x 152 Galvanized 6 ASE36X30X6NK 36.00 x 30.00 x 6.00 914 x 762 x 152 Painted 8 ASE36X36X6NK 36.00 x 36.00 x 6.00 914 x 914 x 152 Painted 8 ASG36X36X6NK 36.00 x 36.00 x 6.00 914 x 914 x 152 Galvanized 8 ASE8X8X8NK 8.00 x 8.00 x 8.00 203 x 203 x 203 Painted 4 ASG8X8X8NK 8.00 x 8.00 x 8.00 203 x 203 x 203 Galvanized 4 ASE10X10X8NK 10.00 x 10.00 x 8.00 254 x 254 x 203 Painted 4 ASG10X10X8NK 10.00 x 10.00 x 8.00 254 x 254 x 203 Galvanized 4 ASE12X10X8NK 12.00 x 10.00 x 8.00 305 x 254 x 203 Painted 4 ASE12X12X8NK 12.00 x 12.00 x 8.00 305 x 305 x 203 Painted 4 ASG12X12X8NK 12.00 x 12.00 x 8.00 305 x 305 x 203 Galvanized 4 ASE16X12X8NK 16.00 x 12.00 x 8.00 406 x 305 x 203 Painted 4 ASE18X12X8NK 18.00 x 12.00 x 8.00 457 x 305 x 203 Painted 4 ASG18X12X8NK 18.00 x 12.00 x 8.00 457 x 305 x 203 Galvanized 4 ASE18X18X8NK 18.00 x 18.00 x 8.00 457 x 457 x 203 Painted 4 ASG18X18X8NK 18.00 x 18.00 x 8.00 457 x 457 x 203 Galvanized 4 ASE24X12X8NK 24.00 x 12.00 x 8.00 610 x 305 x 203 Painted 4 ASG24X12X8NK 24.00 x 12.00 x 8.00 610 x 305 x 203 Galvanized 4 |