전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PPFSM206 데이터시트(PDF) 1 Page - Pentair plc. All rights reserved.

부품명 PPFSM206
상세설명  PROLINE Intern al Componen ts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PENTAIR [Pentair plc. All rights reserved.]
홈페이지  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

PPFSM206 데이터시트(HTML) 1 Page - Pentair plc. All rights reserved.

  PPFSM206 Datasheet HTML 1Page - Pentair plc. All rights reserved. PPFSM206 Datasheet HTML 2Page - Pentair plc. All rights reserved. PPFSM206 Datasheet HTML 3Page - Pentair plc. All rights reserved. PPFSM206 Datasheet HTML 4Page - Pentair plc. All rights reserved. PPFSM206 Datasheet HTML 5Page - Pentair plc. All rights reserved. PPFSM206 Datasheet HTML 6Page - Pentair plc. All rights reserved. PPFSM206 Datasheet HTML 7Page - Pentair plc. All rights reserved. PPFSM206 Datasheet HTML 8Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PROLINE INtERNaL COmPONENts Panel and Grid MountinG SySteM
Spec-00431 H
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
mOduLaR ENCLOsuRE systEms
1
Spec-00431
FuLL subPaNEL
PROLINE subpanels are designed to provide maximum panel depth,
panel size and ease of installation. Full subpanels slide into the
frame on nylon glide blocks, which support the entire weight of the
subpanel.
•
All necessary mounting hardware is included
•
Subpanels are 12 gauge (2.5-mm) steel (subpanels for double-
bay enclosures 1400-mm tall or taller are 10 gauge steel), have
flanges on all sides and are painted white
•
Conductive subpanels are unpainted galvanized steel
•
Subpanels can be mounted at nearly any depth in 25-mm
increments
•
Panels installed in the rearmost position in joined (ganged)
enclosures provide a continuous mounting surface without
requiring joining panels
•
Mounting hardware attaches to the top or to the sides of the
frame
•
Additional Mounting Hardware (catalog number PMKPF) is
available for applications requiring more support in the center
or bottom of the subpanel. This is required if the enclosure will
be tipped in transit or if the panel is not located at the bottom of
the enclosure on the glide blocks. In addition, 3-row grid straps
are required for installation unless the panel is in the rearmost
position.
Bulletin: p20
 Full subpanel
Catalog Number
Material
H (mm)
H (in.)
W (mm)
W (in.)
PPF76
Steel
585
23.03
530
20.87
PPF76G
Conductive
585
23.03
530
20.87
Catalog Number
Material
H (mm)
H (in.)
W (mm)
W (in.)
PPF78
Steel
585
23.03
730
28.74
PPF78G
Conductive
585
23.03
730
28.74
PPF712
Steel
585
23.03
1130
44.49
PPF126G
Conductive
1085
42.72
530
20.87
PPF128G
Conductive
1085
42.72
730
28.74
PPF1212G
Conductive
1085
42.72
1130
44.49
PPF146
Steel
1285
50.59
530
20.87
PPF146G
Conductive
1285
50.59
530
20.87
PPF148
Steel
1285
50.59
730
28.74
PPF148G
Conductive
1285
50.59
730
28.74
PPF1412
Steel
1285
50.59
1130
44.49
PPF1412G
Conductive
1285
50.59
1130
44.49
PPF166
Steel
1485
58.46
530
20.87
PPF166G
Conductive
1485
58.46
530
20.87
PPF168
Steel
1485
58.46
730
28.74
PPF168G
Conductive
1485
58.46
730
28.74
PPF1612
Steel
1485
58.46
1130
44.49
PPF1612G
Conductive
1485
58.46
1130
44.49
PPF184G
Conductive
1685
66.34
430
16.93
PPF186
Steel
1685
66.34
530
20.87
PPF186G
Conductive
1685
66.34
530
20.87
PPF188
Steel
1685
66.34
730
28.74
PPF188G
Conductive
1685
66.34
730
28.74
PPF1810
Steel
1685
66.34
930
36.61
PPF1810G
Conductive
1685
66.34
930
36.61
PPF1812
Steel
1685
66.34
1130
44.49
PPF1812G
Conductive
1685
66.34
1130
44.49
PPF1816
Steel
1685
66.34
1530
60.24
PPF1816G
Plated
1685
66.34
1530
60.24
PPF1818G
Conductive
1685
66.34
1730
68.11
PPF204
Steel
1885
74.21
330
13.00
PPF204G2
Conductive
1885
74.21
330
13.00
PPF206
Steel
1885
74.21
530
20.87
PPF206G
Conductive
1885
74.21
530
20.87
PPF207
Steel
1885
74.21
630
24.80
PPF207G
Conductive
1885
74.21
630
24.80
PPF208
Steel
1885
74.21
730
28.74
PPF208G
Conductive
1885
74.21
730
28.74
PPF2010
Steel
1885
74.21
930
36.61
PPF2010G
Conductive
1885
74.21
930
36.61
PPF2012
Steel
1885
74.21
1130
44.49
PPF2012G
Conductive
1885
74.21
1130
44.49
PPF2016
Steel
1885
74.21
1530
60.24
PPF2016G
Plated
1885
74.21
1530
60.24
PPF2018G2
Conductive
1885
74.21
1730
68.11
PPF226
Steel
2085
82.09
530
20.87
PPF226G
Conductive
2085
82.09
530
20.87
PPF227
Steel
2085
82.09
630
24.80
PPF227G
Conductive
2085
82.09
630
24.80
PPF228
Steel
2085
82.09
730
28.74
PPF228G
Conductive
2085
82.09
730
28.74
PPF2210
Steel
2085
82.09
930
36.61
PPF2210G
Conductive
2085
82.09
930
36.61
PPF2212
Steel
2085
82.09
1130
44.49
PPF2212G
Conductive
2085
82.09
1130
44.49
Consult Hoffman for delivery.
 additional mounting Hardware
Catalog Number
Description
PMKPF
Additional Side Mounting Hardware (see Detail in drawing)


유사한 부품 번호 - PPFSM206

제조업체부품명데이터시트상세설명
logo
Hammond Manufacturing L...
PPFS HAMMOND-PPFS Datasheet
67Kb / 1P
Panneaux pour batis en acier perfores
PPFS HAMMOND-PPFS Datasheet
61Kb / 1P
Perforated Steel Rack Panel PPFS Series
PPFS19001 HAMMOND-PPFS19001 Datasheet
112Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PPFS19001BK2 HAMMOND-PPFS19001BK2 Datasheet
67Kb / 1P
Panneaux pour batis en acier perfores
PPFS19001BK2 HAMMOND-PPFS19001BK2 Datasheet
61Kb / 1P
Perforated Steel Rack Panel PPFS Series
More results

유사한 설명 - PPFSM206

제조업체부품명데이터시트상세설명
logo
Weidmuller
0212840000 WEIDMULLER-0212840000 Datasheet
75Kb / 4P
Feed-through terminal, 6 mm짼, Screw connection, PA 66, TS 35 TS 32
0222860000 WEIDMULLER-0222860000 Datasheet
63Kb / 3P
Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0225360000 WEIDMULLER-0225360000 Datasheet
63Kb / 3P
Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0225560000 WEIDMULLER-0225560000 Datasheet
63Kb / 3P
Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
logo
PHOENIX CONTACT
0310211 PHOENIX-0310211 Datasheet
47Kb / 2P
Separating plate - TS-RTK - 0310211
logo
Keysight Technologies
TS-5040 KEYSIGHT-TS-5040 Datasheet
260Kb / 7P
TS-5000 Family
logo
PHOENIX CONTACT
1995282 PHOENIX-1995282 Datasheet
86Kb / 2P
MKKDS 1,5/ 3-5,08 TS
logo
Weidmuller
8000028951 WEIDMULLER-8000028951 Datasheet
266Kb / 3P
EM-CONNECTIVITY-BOX TS
November 4, 2021
logo
PHOENIX CONTACT
1813677 PHOENIX-1813677 Datasheet
98Kb / 3P
MKDSN 1,5/ 2 TS
11/04/2018
logo
Wurth Elektronik GmbH &...
33040 WURTH-33040 Datasheet
202Kb / 3P
WE-TS Shielding Textiles
003.001
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com