전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NB681GD 데이터시트(PDF) 20 Page - Monolithic Power Systems

부품명 NB681GD
상세설명  28V, 6A, Low Iq, High Current Synchronous Buck Converter with 2-Bit VID
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPS [Monolithic Power Systems]
홈페이지  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB681GD 데이터시트(HTML) 20 Page - Monolithic Power Systems

Back Button NB681GD Datasheet HTML 15Page - Monolithic Power Systems NB681GD Datasheet HTML 16Page - Monolithic Power Systems NB681GD Datasheet HTML 17Page - Monolithic Power Systems NB681GD Datasheet HTML 18Page - Monolithic Power Systems NB681GD Datasheet HTML 19Page - Monolithic Power Systems NB681GD Datasheet HTML 20Page - Monolithic Power Systems NB681GD Datasheet HTML 21Page - Monolithic Power Systems NB681GD Datasheet HTML 22Page - Monolithic Power Systems NB681GD Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
NB681- 28V, 6 A, HIGH-CURRENT SYNCHRONOUS BUCK CONVERTER WITH 2-BIT VID
NB681 Rev. 1.04
www.MonolithicPower.com
20
12/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION—FOR DIFFERENT RAILS
VCCIO
Figure 8.1— Typical application schematic for VCCIO, default 0.95 V (C1 and C0 can be
pulled high or low directly without a resistor if Vout is fixed)
PRIMCORE
Figure 8.2— Typical application schematic for PRIMCORE, Vout adjusted by VID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com