| 전자부품 데이터시트 검색엔진 |
|
BSP40 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BSP40 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() BSP40/41 BSP42/43 MEDIUM POWER AMPLIFIER ADVANCE DATA s SILICON EPITAXIAL PLANAR NPN TRANSISTORS s MINIATURE PLASTIC PACKAGE FOR APPLICATION IN SURFACE MOUNTING CIRCUITS s GENERAL PURPOSE MAINLY INTENDED FOR USE IN MEDIUM POWER INDUSTRIAL APPLICATION AND FOR AUDIO AMPLIFIER OUTPUT STAGE s PNP COMPLEMENTS ARE BSP30, BSP31, BSP32 AND BSP33 RESPECTIVELY INTERNAL SCHEMATIC DIAGRAM October 1995 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit BSP40/BSP41 BSP42/BSP43 VCBO Collector-Base Voltage (IE = 0) 70 90 V VCEO Collector-Emitter Voltage (IB = 0) 60 80 V VCES Collector-Emitter Voltage (VBE = 0) 70 90 V VEBO Emitter-Base Voltage (IC = 0) 5 V IC Collector Current 1 A IB Base Current 0.1 A Ptot Total Dissipation at Tc = 25 o C2 W Tstg Storage Temperature -65 to 150 oC Tj Max. Operating Junction Temperature 150 oC 1 2 2 3 SOT-223 1/4 |
유사한 부품 번호 - BSP40 |
|
유사한 설명 - BSP40 |