전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP30142604 데이터시트(PDF) 4 Page - Eaton All Rights Reserved.

부품명 LP30142604
상세설명  Single Row Terminal Blocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EATON [Eaton All Rights Reserved.]
홈페이지  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LP30142604 데이터시트(HTML) 4 Page - Eaton All Rights Reserved.

  LP30142604 Datasheet HTML 1Page - Eaton All Rights Reserved. LP30142604 Datasheet HTML 2Page - Eaton All Rights Reserved. LP30142604 Datasheet HTML 3Page - Eaton All Rights Reserved. LP30142604 Datasheet HTML 4Page - Eaton All Rights Reserved. LP30142604 Datasheet HTML 5Page - Eaton All Rights Reserved. LP30142604 Datasheet HTML 6Page - Eaton All Rights Reserved. LP30142604 Datasheet HTML 7Page - Eaton All Rights Reserved. LP30142604 Datasheet HTML 8Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
17
EATON www.eaton.com
Hardware Options Inches (Millimeters)
(Bulk ordering part numbers are in parentheses)
Base/End Options Inches (Millimeters)
A3 & LP3
Single RowTerminal Blocks
Jumpers
Quick Connects Blade Width A = 0.250” Blade Width B = 0.187”
Mount End Details
† Contact Eaton for desired configuration.
Note: On 1, 3 and 5 bases, Eaton may
drill a terminal spacing to be a mount
end. There will be no fit/form/function
effect of mounting the product



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com