전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GL3522 데이터시트(PDF) 23 Page - GENESYS LOGIC

부품명 GL3522
상세설명  USB 3.0 Hub Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENESYS [GENESYS LOGIC]
홈페이지  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3522 데이터시트(HTML) 23 Page - GENESYS LOGIC

Back Button GL3522 Datasheet HTML 19Page - GENESYS LOGIC GL3522 Datasheet HTML 20Page - GENESYS LOGIC GL3522 Datasheet HTML 21Page - GENESYS LOGIC GL3522 Datasheet HTML 22Page - GENESYS LOGIC GL3522 Datasheet HTML 23Page - GENESYS LOGIC GL3522 Datasheet HTML 24Page - GENESYS LOGIC GL3522 Datasheet HTML 25Page - GENESYS LOGIC GL3522 Datasheet HTML 26Page - GENESYS LOGIC GL3522 Datasheet HTML 27Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
GL3522-22 Datasheet
© 2014 Genesys Logic, Inc. - All rights reserved.
Page 23
GLI Confidential
CHAPTER 5
BATTERY CHARGING SPECIFICATION REV.1.2
SUPPORT
5.1 Background
The USB ports on personal computers are convenient places for portable devices to draw current for charging
their batteries. This convenience has led to the creation of dedicated chargers that simply expose a USB
standard-A receptacle. This allows portable devices to use the same USB cable to charge from either a PC or
from a dedicated charger.
If a portable device is attached to a USB host or hub, then the USB 2.0 specification requires that after
connecting, a portable device must draw less than:
2.5 mA average if the bus is suspended
100 mA maximum if bus is not suspended and not configured
500 mA maximum if bus is not suspended and configured for 500 mA
If a portable device is attached to a charging host or hub, it is allowed to draw a current up to 1.5A, regardless
of suspend. In order for a portable device to determine how much current it is allowed to draw from an
upstream USB port, the USB-IF Battery Charging specification defines the mechanisms that allow the portable
device to distinguish between a USB standard host, hub or a USB charging host. Since portable devices can be
attached to USB charging ports from various manufactures, it is important that all USB charging ports behave
the same way. This specification also defines the requirements for a USB chargers and charging downstream
ports.
5.2 Standard Downstream Port (SDP)
GL3522-22 complies with Battery Charging Specification rev1.2, which defines three charging ports: SDP,
CDP and DCP. The SDP is a standard USB port which can transfer data and provide maximum 500mA
current.
5.3 Charging Downstream Port (CDP)
GL3522-22 supports battery charging detection, turning its downstream port from a standard downstream port
(SDP) into charging downstream port (CDP). GL3522-22 will make physical layer handshaking when a
portable device that complies with BC rev1.2 attaches to its downstream port. After physical layer
handshaking, a portable device is allowed to draw more current up to 1.5A.
Once the charging downstream port of GL3522-22 is enabled, it will monitor the VDP_SRC on D+ line anytime.
When a portable device, which is compliant with BC rev1.2, is attached to the downstream port, it will drive
VDP_SRC on D+ line to initiate the handshake with charging downstream port. GL3522-22 will response on its
D- line by VDM_SRC and keep in a certain period of time and voltage level. The portable device will accept this
handshaking on its D- line in correct timing period and voltage level, and then turns off its VDP_SRC on D+ line.
GL3522-22 will recognize that charging negotiation is finished by counting time between the portable device
turning on and off its VDP_SRC. After that, the portable device can start to draw more current from VBUS to
charge its battery more rapidly. It can draw current up to 1.5A.
If there is no response from D- line, the portable device will recognize that it is attached to a standard
downstream port, not a charging port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com