전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TOP200YAI 데이터시트(PDF) 16 Page - Power Integrations, Inc.

부품명 TOP200YAI
상세설명  Three-terminal Off-line PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWERINT [Power Integrations, Inc.]
홈페이지  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP200YAI 데이터시트(HTML) 16 Page - Power Integrations, Inc.

Back Button TOP200YAI Datasheet HTML 8Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 9Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 10Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 11Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 12Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 13Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 14Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 15Page - Power Integrations, Inc. TOP200YAI Datasheet HTML 16Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
TOP200-4/14
D
7/96
16
JAPAN
Power Integrations, K.K.
Keihin-Tatemono 1st Bldg.
12-20 Shin-Yokohoma 2-Chome, Kohoku-ku
Yokohama-shi, Kanagawa 222 Japan
Phone:
81•(0)•45•471•1021
Fax:
81•(0)•45•471•3717
ASIA & OCEANIA
For Your Nearest Sales/Rep Office
Please Contact Customer Service
Phone:
408•523•9265
Fax:
408•523•9365
WORLD HEADQUARTERS
Power Integrations, Inc.
477 N. Mathilda Avenue
Sunnyvale, CA 94086
USA
Main:
408•523•9200
Customer Service:
Phone:
408•523•9265
Fax:
408•523•9365
AMERICAS
For Your Nearest Sales/Rep Office
Please Contact Customer Service
Phone:
408•523•9265
Fax:
408•523•9365
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability.
Power Integrations does not assume any liability arising from the use of any device or circuit described herein, nor does it
convey any license under its patent rights or the rights of others.
PI Logo and TOPSwitch are registered trademarks of Power Integrations, Inc.
©Copyright 1994, Power Integrations, Inc. 477 N. Mathilda Avenue, Sunnyvale, CA 94086
APPLICATIONS HOTLINE
World Wide
408•523•9260
APPLICATIONS FAX
Americas
408•523•9361
Europe/Africa
44•(0)•1753•622•209
Japan
81•(0)•45•471•3717
Asia/Oceania
408•523•9364
EUROPE & AFRICA
Power Integrations (Europe) Ltd.
Mountbatten House
Fairacres
Windsor SL4 4LE
United Kingdom
Phone:
44•(0)•1753•622•208
Fax:
44•(0)•1753•622•209
B
K
F
G
C
J
L
M
E
A
D
DIM
A
B
C
D
E
F
G
H
J
K
L
M
N
O
P
PI-1848-050696
inches
.460-.480
.400-.415
.236-.260
.240 - REF.
.520-.560
.028-.038
.045-.055
.090-.110
.165-.185
.045-.055
.095-.115
.015-.020
.705-.715
.146-.156
.103-.113
mm
11.68-12.19
10.16-10.54
5.99-6.60
6.10 - REF.
13.21-14.22
.71-.97
1.14-1.40
2.29-2.79
4.19-4.70
1.14-1.40
2.41-2.92
.38-.51
17.91-18.16
3.71-3.96
2.62-2.87
H
* LEADS AND TAB ARE
SOLDER PLATED
N
O
P
Notes:
1. Package dimensions conform to
JEDEC specification TO-220 AB for
standard flange mounted, peripheral
lead package; .100 inch lead spacing
(Plastic) 3 leads (issue J, March 1987)
2. Controlling dimensions are inches.
3. Pin numbers start with Pin 1, and
continue from left to right when
viewed from the top.
4. Dimensions shown do not include
mold flash or other protrusions. Mold
flash or protrusions shall not exceed
.006 (.15 mm) on any side.
5. Position of terminals to be
measured at a position .25 (6.35 mm)
from the body.
6. All terminals are solder plated.
Y03A
Plastic TO-220/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com