전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADS1605IPAPR 데이터시트(PDF) 19 Page - Texas Instruments

부품명 ADS1605IPAPR
상세설명  16-Bit, 5MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1605IPAPR 데이터시트(HTML) 19 Page - Texas Instruments

Back Button ADS1605IPAPR Datasheet HTML 15Page - Texas Instruments ADS1605IPAPR Datasheet HTML 16Page - Texas Instruments ADS1605IPAPR Datasheet HTML 17Page - Texas Instruments ADS1605IPAPR Datasheet HTML 18Page - Texas Instruments ADS1605IPAPR Datasheet HTML 19Page - Texas Instruments ADS1605IPAPR Datasheet HTML 20Page - Texas Instruments ADS1605IPAPR Datasheet HTML 21Page - Texas Instruments ADS1605IPAPR Datasheet HTML 22Page - Texas Instruments ADS1605IPAPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
ADS1605
ADS1606
SBAS274H − MARCH 2003 − REVISED MAY 2007
www.ti.com
19
REFERENCE INPUTS (VREFN, VREFP, VMID)
The ADS1605/6 can operate from an internal or exter-
nal voltage reference. In either case, the reference volt-
age VREF is set by the differential voltage between
VREFN and VREFP: VREF = (VREFP – VREFN).
VREFP and VREFN each use two pins, which should
be shorted together. VMID equals approximately 2.5V
and is used by the modulator. VCAP connects to an in-
ternal node and must also be bypassed with an external
capacitor. For the best analog performance, it is recom-
mended that an external reference voltage (VREF) of
3.0V be used.
INTERNAL REFERENCE (REFEN = LOW)
To use the internal reference, set the REFEN pin low.
This activates the internal circuitry that generates the
reference voltages. The internal reference voltages are
applied to the pins. Good bypassing of the reference
pins is critical to achieve optimum performance and is
done by placing the bypass capacitors as close to the
pins as possible. Figure 12 shows the recommended
bypass capacitor values. Use high quality ceramic ca-
pacitors for the smaller values. Avoid loading the inter-
nal reference with external circuitry. If the ADS1605/6
internal reference is to be used by other circuitry, buffer
the reference voltages to prevent directly loading the
reference pins.
10
µF
22
µF0.1µF
22
µF
22
µF
0.1
µF
10
µF
0.1
µF
10
µF
0.1
µF
0.1
µF
ADS1605
ADS1606
AGND
VREFP
VREFP
VMID
VCAP
VREFN
VREFN
Figure 12. Reference Bypassing When Using the
Internal Reference
EXTERNAL REFERENCE (REFEN = HIGH)
To use an external reference, set the REFEN pin high.
This deactivates the internal generators for VREFP,
VREFN and VMID, and saves approximately 25mA of
current on the analog supply (AVDD). The voltages ap-
plied to these pins must be within the values specified
in the Electrical Characteristics table. Typically VREFP
= 4V, VMID = 2.5V and VREFN = 1V. The external cir-
cuitry must be capable of providing both a dc and a tran-
sient current. Figure 13 shows a simplified diagram of
the internal circuitry of the reference when the internal
reference is disabled. As with the input circuitry,
switches S1 and S2 open and close as shown in
Figure 9.
S
1
ADS1605
ADS1606
S
2
VREFP
50pF
300
Ω
S
1
VREFN
VREFP
VREFN
Figure 13. Conceptual Internal Circuitry for the
Reference When REFEN = High
Figure 14 shows the recommended circuitry for driving
these reference inputs. Keep the resistances used in
the buffer circuits low to prevent excessive thermal
noise from degrading performance. Layout of these cir-
cuits is critical, make sure to follow good high-speed
layout practices. Place the buffers and especially the
bypass capacitors as close to the pins as possible.
VCAP is unaffected by the setting on REFEN and must
be bypassed when using the internal or an external ref-
erence.
10
µF
22
µF
0.1
µF
22
µF
22
µF
0.1
µF
10
µF
0.1
µF
10
µF
0.1
µF
0.1
µF
VREFP
VREFP
VMID
VCAP
VREFN
VREFN
392
Ω
OPA 2822
A DS1605
A DS1606
0.001
µF
4V
392
Ω
OPA 2822
0.001
µF
1V
392
Ω
OPA 2822
0.001
µF
2.5V
AGND
Figure 14. Recommended Buffer Circuit When
Using an External Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com