전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPC660IM/NOPB.B 데이터시트(PDF) 12 Page - Texas Instruments

부품명 LPC660IM/NOPB.B
상세설명  LPC660 Low Power CMOS Quad Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LPC660IM/NOPB.B 데이터시트(HTML) 12 Page - Texas Instruments

Back Button LPC660IM/NOPB.B Datasheet HTML 8Page - Texas Instruments LPC660IM/NOPB.B Datasheet HTML 9Page - Texas Instruments LPC660IM/NOPB.B Datasheet HTML 10Page - Texas Instruments LPC660IM/NOPB.B Datasheet HTML 11Page - Texas Instruments LPC660IM/NOPB.B Datasheet HTML 12Page - Texas Instruments LPC660IM/NOPB.B Datasheet HTML 13Page - Texas Instruments LPC660IM/NOPB.B Datasheet HTML 14Page - Texas Instruments LPC660IM/NOPB.B Datasheet HTML 15Page - Texas Instruments LPC660IM/NOPB.B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
LPC660
SNOS554D – MAY 1998 – REVISED MARCH 2013
www.ti.com
Figure 29. (a) Inverting Amplifier
Figure 30. (b) Non-Inverting Amplifier
Figure 31. (c) Follower
Figure 32. (d) Howland Current Pump
The designer should be aware that when it is inappropriate to lay out a PC board for the sake of just a few
circuits, there is another technique which is even better than a guard ring on a PC board: Don't insert the
amplifier's input pin into the board at all, but bend it up in the air and use only air as an insulator. Air is an
excellent insulator. In this case you may have to forego some of the advantages of PC board construction, but
the advantages are sometimes well worth the effort of using point-to-point up-in-the-air wiring. See Figure 33.
12
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LPC660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27