| 전자부품 데이터시트 검색엔진 |
|
USBFTVC7G 데이터시트(PDF) 1 Page - Amphenol PCD, Inc |
|
|
|||||||||||||||||||||||||||||
USBFTVC7G 데이터시트(HTML) 1 Page - Amphenol PCD, Inc |
|
1 / 4 page ![]() 1 Amphenol ® Amphenol Socapex Promenade de l’Arve -B.P.29 - 74311 THYEZ – F Tel. :+ 33 (0) 4 50 89 28 00 - Fax : + 33 (0) 4 50 96 29 75 www.usbfield.com Description Description USB Field allows you to use a standard USB 2.0 connection in harsh environments : • Sealed against fluids and dusts (IP67) • Shock, Vibration and Traction resistant • No cabling operation in field and no tools required • Mechanical Coding / Polarization (2 positions) • Improved EMI protection With USB Field, you can insert a standard USB 2.0 cordset into a metallic plug which will protect it from shocks, dust and fluids. No hazardous in-field cabling and grounding ! This metallic plug is connected into a receptacle, using a Tri Start Thread coupling mechanism (MIL-DTL-38999 series III type) with anti-decoupling device for high vibrations. On the receptacle side, one A USB receptacle is soldered onto a PCB allowing for the following back terminations : • another USB-A receptacle • solder : 4 tined holes on the PCB to solder your wires The USB 2.0 cordset shielding is transmitted to the USB receptacle through grounding fingers. For an outstanding EMI protection, the conductive plated shells (Ni, Cd) with metallized receptacle inserts, transmit the shielding to the connector shells and finally to the panel. Applications Applications • Embedded Computers • Data Acquisition and Transmission in harsh environment For : • Railways • Battelfield Communication Systems • Navy Systems USBF TV USBF TV Amphenol ® USB Connection System for Harsh Environment Transform your USB cordset into a Harsh Environment Connector ! |
유사한 부품 번호 - USBFTVC7G |
|
유사한 설명 - USBFTVC7G |