| 전자부품 데이터시트 검색엔진 |
|
STM32L452VCU6 데이터시트(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L452VCU6 데이터시트(HTML) 69 Page - STMicroelectronics |
|
69 / 210 page ![]() DocID029968 Rev 3 69/210 STM32L452xx Pinouts and pin description 85 --- -- 84 B8 PD3 I/O FT - SPI2_MISO, DFSDM1_DATIN0, USART2_CTS, QUADSPI_BK2_NCS, EVENTOUT - --- -- 85 B7 PD4 I/O FT - SPI2_MOSI, DFSDM1_CKIN0, USART2_RTS_DE, QUADSPI_BK2_IO0, EVENTOUT - --- -- 86 A6 PD5 I/O FT - USART2_TX, QUADSPI_BK2_IO1, EVENTOUT - --- -- 87 B6 PD6 I/O FT - DFSDM1_DATIN1, USART2_RX, QUADSPI_BK2_IO2, SAI1_SD_A, EVENTOUT - --- -- 88 A5 PD7 I/O FT - DFSDM1_CKIN1, USART2_CK, QUADSPI_BK2_IO3, EVENTOUT - 39 B4 55 54 A5 89 A8 PB3 (JTDO/ TRACE SWO) I/O FT_a (4) JTDO/TRACESWO, TIM2_CH2, SPI1_SCK, SPI3_SCK, USART1_RTS_DE, SAI1_SCK_B, EVENTOUT COMP2_INM 40 A4 56 55 A4 90 A7 PB4 (NJTRST) I/O FT_fa (4) NJTRST, TIM3_CH1, I2C3_SDA, SPI1_MISO, SPI3_MISO, USART1_CTS, TSC_G2_IO1, SAI1_MCLK_B, EVENTOUT COMP2_INP 41 C5 57 56 C4 91 C5 PB5 I/O FT - LPTIM1_IN1, TIM3_CH2, CAN1_RX, I2C1_SMBA, SPI1_MOSI, SPI3_MOSI, USART1_CK, TSC_G2_IO2, COMP2_OUT, SAI1_SD_B, TIM16_BKIN, EVENTOUT - Table 16. STM32L452xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |