| 전자부품 데이터시트 검색엔진 |
|
STM32L452VCU6TR 데이터시트(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L452VCU6TR 데이터시트(HTML) 63 Page - STMicroelectronics |
|
63 / 210 page ![]() DocID029968 Rev 3 63/210 STM32L452xx Pinouts and pin description 85 14 G6 20 20 H3 29 M3 PA4 I/O TT_a - SPI1_NSS, SPI3_NSS, USART2_CK, SAI1_FS_B, LPTIM2_OUT, EVENTOUT COMP1_INM, COMP2_INM, ADC1_IN9, DAC1_OUT1 15 F5 21 21 F4 30 K4 PA5 I/O TT_a - TIM2_CH1, TIM2_ETR, SPI1_SCK, DFSDM1_CKOUT, LPTIM2_ETR, EVENTOUT COMP1_INM, COMP2_INM, ADC1_IN10 16 H6 22 22 G4 31 L4 PA6 I/O FT_a - TIM1_BKIN, TIM3_CH1, SPI1_MISO, COMP1_OUT, USART3_CTS, LPUART1_CTS, QUADSPI_BK1_IO3, TIM1_BKIN_COMP2, TIM16_CH1, EVENTOUT ADC1_IN11 17 E5 23 23 H4 32 M4 PA7 I/O FT_fa (3) TIM1_CH1N, TIM3_CH2, I2C3_SCL, SPI1_MOSI, DFSDM1_DATIN0, QUADSPI_BK1_IO2, COMP2_OUT, EVENTOUT ADC1_IN12 -E4 24 24 H5 33 K5 PC4 I/O FT_a - USART3_TX, EVENTOUT COMP1_INM, ADC1_IN13 - G5 25 - H6 34 L5 PC5 I/O FT_a - USART3_RX, EVENTOUT COMP1_INP, ADC1_IN14, WKUP5 18 H5 26 25 F5 35 M5 PB0 I/O FT_a - TIM1_CH2N, TIM3_CH3, SPI1_NSS, DFSDM1_CKIN0, USART3_CK, QUADSPI_BK1_IO1, COMP1_OUT, SAI1_EXTCLK, EVENTOUT ADC1_IN15 19 F4 27 26 G5 36 M6 PB1 I/O FT_a - TIM1_CH3N, TIM3_CH4, DFSDM1_DATIN0, USART3_RTS_DE, LPUART1_RTS_DE, QUADSPI_BK1_IO0, LPTIM2_IN1, EVENTOUT COMP1_INM, ADC1_IN16 Table 16. STM32L452xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |