| 전자부품 데이터시트 검색엔진 |
|
TAS3103ADBT 데이터시트(PDF) 40 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS3103ADBT 데이터시트(HTML) 40 Page - Texas Instruments |
|
40 / 154 page ![]() INPUT IM[3:0] FORMAT WORD SIZE DATA DISTRIBUTION: A, B, C, D, E, F, G, H = INPUT MIXER INPUTS INPUT TYPE IM[3:0] FORMAT WORD SIZE SDIN1 SDIN2 SDIN3 000X(1) Left-justified All options valid LR LR LR 0010 Right-justified All options valid LR AB LR LR DISCRETE 0011 I2S(5) All options valid except 32-bit AB 32 32 SCLKs CD 32 32 EF 32 32 DISCRETE 0100 16-bit packed IW[2:0] = 001 LR AB 16 16 SCLKs Not available Not available 0101 8-CH transfer, left- justified All options valid LR Not available Not available 1000 8-CH transfer, I2S(5) All options valid except 32-bit G E CAH F DB 32 32 32 32 32 32 32 32 SCLKs Not available Not available 0110/1101 (2)(3) 6-CH, left-justified All options valid LR Not available Not available 1001(3) 6-CH, I2S(5) All options valid except 32-bit EC A 32 32 32 FD B 32 32 32 SCLKs Not available Not available TIME- DIVISION 0111 4-CH, left-justified All options valid LR Not available Not available DIVISION MULTIPLEX (TDM) 1010 4-CH, I2S(5) All options valid except 32-bit CA 32 32 DB 32 32 SCLKs Not available Not available 1011/1111(4) 6-CH, 20-bit IW[2:0] = 011 LR ECA 20 20 20 4 FD B 20 20 20 SCLKs Not available Not available 1100 6-CH data, 8 CH transfer, left-justified All options valid LR Not available Not available 1110 6-CH data, 8 CH transfer, I2S(5) All options valid except 32-bit EC A F D B 32 32 32 32 32 32 32 32 SCLKs Not available Not available NOTES: 1. Left-justified, stereo is the default input format. 2. IM[3:0] modes 0110 and 1101 are identical for the input SAP. OM[3:0] modes 0110 and 1101 do produce different results in the output SAP (see Figure 2−7). 3. If a 6 CH input format is selected, the output format must also be set to 6 CH. When in a 6 CH mode, data format selections—I2S and left-justified—for the 6 CH input SAP can be made independent of the data format selections—I2S and left-justified—made for the 6 CH output SAP. 4. IM[3:0] modes 1011 and 1111 are identical for the input SAP. OM[3:0] modes 1011 and 1111 do produce different results in the output SAP (see Figure 2−7). 5. LRCLK for the I2S format is L R . Figure 2−6. Format Options: Input Serial Audio Port |