전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L452VCU3PTR 데이터시트(PDF) 34 Page - STMicroelectronics

부품명 STM32L452VCU3PTR
상세설명  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 512KB Flash, 160KB SRAM, analog, audio, ext. SMPS
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L452VCU3PTR 데이터시트(HTML) 34 Page - STMicroelectronics

Back Button STM32L452VCU3PTR Datasheet HTML 30Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 31Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 32Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 33Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 34Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 35Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 36Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 37Page - STMicroelectronics STM32L452VCU3PTR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 210 page
background image
Functional overview
STM32L452xx
34/210
DocID029968 Rev 3
interrupt is generated if enabled. LSE failure can also be detected and generated an
interrupt.
•
Clock-out capability:
–
MCO: microcontroller clock output: it outputs one of the internal clocks for
external use by the application
–
LSCO: low speed clock output: it outputs LSI or LSE in all low-power modes
(except VBAT).
Several prescalers allow to configure the AHB frequency, the high speed APB (APB2) and
the low speed APB (APB1) domains. The maximum frequency of the AHB and the APB
domains is 80 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More