전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3969 데이터시트(PDF) 2 Page - Adafruit Industries

부품명 3969
상세설명  USB Mini B Female Socket to 5-pin Terminal Block
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADAFRUIT [Adafruit Industries]
홈페이지  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3969 데이터시트(HTML) 2 Page - Adafruit Industries

  3969 Datasheet HTML 1Page - Adafruit Industries 3969 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DESCRIPTION
Make your next custom USB cable a breeze with a USB Mini B Female Socket to 5-pin
Terminal Block. If you need to connect to a device with a mini USB plug or maybe make your
own USB OTG device or custom cable of sorts - this adapter will come in very handy: no
soldering required! Just use a small screwdriver to open up the terminal blocks, slide in
your stranded or solid-core wire, and re-tighten.
All the pins are labeled, which is really nice because we keep forgetting the order.
A – Pin 1 (V+)
B – Pin 2 (D-)
C – Pin 3 (D+)
D – Pin 4 (ID)
E – Pin 5 (GND)
We also carry the plug 'mating' version of this adapter.
 



Html Pages

1 2