| 전자부품 데이터시트 검색엔진 |
|
PLT2S-C71 데이터시트(PDF) 2 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PLT2S-C71 데이터시트(HTML) 2 Page - PANDUIT CORP. |
|
2 / 2 page ![]() Ordering Information Applications Cable Ties Cable Tie Mounts Related products High Temperature Polyetheretherketone (PEEK) Pan-Ty ® Cable Ties and Mounts *Order number of pieces required, in multiples of standard package quantity. WORLDWIDE SUBSIDIARIES AND SALES OFFICES For a copy of Panduit product warranties, log on to www.panduit.com/warranty ©2016 Panduit Corp. ALL RIGHTS RESERVED. CTCB41--WW-ENG Replaces SA-CTCB22 3/2016 Contact Customer Service by email: cs@panduit.com or by phone: 800-777-3300 Visit us at www.panduit.com For more information PANDUIT EUROPE LTD. London, UK cs-emea@panduit.com Phone: 44.20.8601.7200 PANDUIT JAPAN Tokyo, Japan cs-japan@panduit.com Phone: 81.3.6863.6000 PANDUIT SINGAPORE PTE. LTD. Republic of Singapore cs-ap@panduit.com Phone: 65.6305.7575 PANDUIT AUSTRALIA PTY. LTD. Victoria, Australia cs-aus@panduit.com Phone: 61.3.9794.9020 PANDUIT LATIN AMERICA Jalisco, Mexico cs-la@panduit.com Phone: 52.33.3777.6000 PANDUIT CANADA Markham, Ontario cs-cdn@panduit.com Phone: 800.777.3300 Applications for PEEK product include, but are not limited to, the following: • Drilling down-hole electronics • Nuclear power plants • Vacuum ovens for optics • Commercial cooking equipment • High temperature lighting • Industrial ovens • Transformers and transducers • Wire harnesses for harsh environments • Chemical manufacturing • Transportation Part Number Used With Cable Ties A Width In. (mm) B Width In. (mm) C Height In. (mm) Counterbore Diameter In. (mm) Mounting Method Std. Pkg. Qty.* Std. Ctn. Qty.* TM2S8-C71 Min., Std. 0.636 (16.2) 0.427 (10.8) 0.278 (7.1) 0.335 (8.5) #8 (M4) screw 100 100 Part Numbers Used with PEEK Cable Ties Description Std. Pkg. Qty. Tool Controlled Tension and Cut-Off Tools GTS-E, GS2B Miniature, Standard Tool controlled tension tools consistently provide flush tie cut-offs to speed installation. 1 GS4H, GTH-E Standard 1 Part Number Length In. (mm) Width In. (mm) Thickness In. (mm) Head Height In. (mm) Head Width In. (mm) Max. Bundle Diameter In. (mm) Min. Loop Tensile Strength Lbs. (N) Recommended Tools Std. Pkg. Qty. Std. Ctn. Qty. Miniature Cross Section PLT1M-C71 4.0 (101.6) 0.101 (2.6) 0.101 (2.6) 0.048 (1.2) 0.130 (3.3) 0.130 (3.3) 0.190 (4.8) 0.190 (4.8) 0.87 (22) 35 (156) GTS-E, PTS 100 1000 PLT1.5M-C71 5.90 (149.9) 1.38 (35) 100 1000 Standard Cross Section (Straight Tip) PLT2S-C71 7.4 (188) 0.190 (4.8) 0.055 (1.4) 0.240 (6.1) 0.320 (8.1) 1.88 (48) 150 (668) GTS-E, GTH-E, PTS, PTH 100 1000 |