| 전자부품 데이터시트 검색엔진 |
|
PNF-R 데이터시트(PDF) 1 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PNF-R 데이터시트(HTML) 1 Page - PANDUIT CORP. |
|
1 / 5 page ![]() For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory) ELECTRICAL SOLUTIONS D1.89 B2. Cable Accessories C1. Wiring Duct C3. Abrasion Protection C4. Cable Management D1. Terminals D2. Power Connectors E1. Labeling Systems E2. Labels E3. Pre-Printed & Write-On Markers F. Index B3. Stainless Steel Ties C2. Surface Raceway E5. Lockout/ Tagout & Safety Solutions B1. Cable Ties A. System Overview D3. Grounding Connectors E4. Permanent Identification Tooling Selection Guide for PANDUIT Terminals, Splices, and Disconnects Table continues on page D1.90 PANDUIT Terminal Series Terminal Description Std. Wire Range (AWG) Wire Strip Length (In.) [+1/32;-0] Plier Tools Controlled Cycle Hand Tools Crimp Heads for Pneumatic CT-600-A Tool BS Non-insulated butt splices 26 – 22 1/4 XX 22 – 18 9/32 XX XX X X X 16 – 14 9/32 XX XX X X X 12 – 10 9/32 XX XX X XX X BSH Heat shrink splices 22 – 18 5/16 X 16 – 14 5/16 X 12 – 10 5/16 X BSN Nylon insulated butt splices 26 – 22 1/4 X X 22 – 18 9/32 X X X X X X X 16 – 14 9/32 XX X XX X X X X 12 – 10 9/32 XX X X X X X X BSV Vinyl insulated butt splices 22 – 18 5/16 XX X X X X X X X 16 – 14 5/16 XX X XX X X X X X 12 – 10 5/16 XX X X X X X X D, DR Non-insulated sleeved barrel disconnects (includes right angle disconnect) 22 – 18 9/32 XX XX X X X 16 – 14 9/32 XX XX X X X 12 – 10 9/32 XX XX X XX X D-M Non-insulated male blade adapters 22 – 18 9/32 XX XX X X X 16 – 14 9/32 XX XX X X X D-M Non-insulated male disconnect 12 – 10 9/32 X XX X XX X D-MB, DR-B Non-insulated right angle female disc. and non-insulated male butted seam disc. 22 – 18 9/32 XX XX 16 – 14 9/32 XX XX DNF Nylon, funnel entry, barrel insulated disconnect (not .110/.111) 22 – 18 9/32 X X X X X X 16 – 14 9/32 X X XX X X X X X DNF-110, DNF-111 Nylon, funnel entry barrel insulated disconnect, .110/.111 tab size 22 – 18 7/32 X X X XX 16 – 14 9/32 X X X X DNF-FI Nylon, fully insulated disconnect 22 – 18 9/32 XX X XX X X X X 16 – 14 9/32 XX X X X X X X 12 – 10 3/8 XX X X X X X X DPF-FI Premium nylon, fully insulated disconnect 12 – 10 3/8 XX X X X X X X DNF-FIB, DNF-FIM, DNF-FIMB, DPF-FIB, DPF-FIMB, DNF-LPB, DPF-LPB Nylon and premium grade nylon, fully insulated, funnel entry, male/female couplers (not .110/.111) 22 – 18 9/32 X X X X 16 – 14 9/32 X X X X 12 – 10 3/8 X X DNF-FIB, DPF-FIB Nylon and premium grade nylon, fully insulated, funnel entry disconnect, 110/.111 tab size 22 – 18 7/32 X X X X DNF-FIBX Nylon, expanded wire entry fully insulated 22 – 18 X-9/32 X X 16 – 14 X-9/32 X Mechanical Tool/product approved combinations indicated on individual product pages. |
유사한 부품 번호 - PNF-R |
|
유사한 설명 - PNF-R |