| 전자부품 데이터시트 검색엔진 |
|
PBAM1AF6002D0Y 데이터시트(PDF) 3 Page - APEM |
|
|
|||||||||||||||||||||||||||||
PBAM1AF6002D0Y 데이터시트(HTML) 3 Page - APEM |
|
3 / 6 page ![]() APEM www.apem.com 3 New! PBA series Piezo switches Ø 30 mm Overview PBA SERIES Terminals F Flying leads C Cable Colors / Materials 0 Natural anodized 1 Blue anodized 2 Black anodized 3 Green anodized 5 Gold anodized 6 Red anodized B Stainless steel 316L Bold = standard Ratings 002 1 A 24 VAC/DC Electrical function A NO (pulse) Bushing / operator All models with Ø 30 mm (1.181) bushing and Ø 36 mm (1.417) operator M1 Operator height 2.5 mm (.098) Non-illuminated M2 Operator height 2.5 mm (.098) Illuminated, flush translucent ring M3 Operator height 2.5 mm .098) Illuminated, flush colored ring (same color as LED, one LED only) M4 Operator height 5.5 mm (.216) Illuminated, prominent translucent ring M5 Operator height 5.5 mm (.216) Illuminated, prominent colored ring (same color as LED, one LED only) LED colors Blank Non-illum. 0B Blue 0G Green 0S Red 0Y Yellow 0W White 2A Red/green 2B Red/yellow 2C Red/blue 2D Red/white 2E Green/blue 2F Green/yellow 2G Green/white 2H Blue/yellow 2I Blue/white 2K Yellow/white LED colors (continued) 3A Red/green/blue 3B Red/green/yellow 3D Red/green/white 3E Red/blue/yellow 3F Red/blue/white 3G Red/yellow/white 3H Green/blue/yellow 3I Green/blue/white 3J Green/yellow/white 3K Blue/yellow/white Bicolor or tricolor, order with translucent ring (M2 or M4) LED voltage Blank Non-illuminated C 5 VDC D 12 VDC E 24 VDC NOTICE : please note that not all combinations of above numbers are available. Refer to the following pages for further information. For options not listed above, please contact APEM. Mounting accessories : standard hardware supplied :1 hex nut U6730 (36 mm ac. flats) and 1 O-ring. Always add a ground washer U7340 when the panel is non-conductive (PVC, polycarbonate). Dimensions : First dimensions are in mm while inches are shown as bracketed numbers. |